Electronic Components Datasheet Search
  English  ▼

X  

FT232RL-2000 Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT232RL-2000
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL-2000 Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT232RL-2000 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RL-2000 Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
18
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
5.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC1
VCC Operating Supply
Voltage
4.0
---
5.25
V
Using Internal
Oscillator
VCC1
VCC Operating Supply
Voltage
3.3
---
5.25
V
Using External
Crystal
VCC2
VCCIO Operating
Supply Voltage
1.8
---
5.25
V
Icc1
Operating Supply
Current
---
15
---
mA
Normal Operation
Icc2
Operating Supply
Current
50
70
100
μA
USB Suspend
3V3
3.3v regulator output
3.0
3.3
3.6
V
Table 5.2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.3 UART and CBUS I/O Pin Characteristics (VCCIO = +5.0V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.2
2.7
3.2
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.4 UART and CBUS I/O Pin Characteristics (VCCIO = +3.3V, Standard Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com