Electronic Components Datasheet Search
  English  ▼

X  

CA-254CS Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-254CS
Description  Cable, 4 conductor, 2.5mm plug to stripped/ tinned, with ring, 6 feet, shielded, 26AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-254CS Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-254CS Datasheet HTML 1Page - Tensility International Corp. CA-254CS Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
05/11/09
mm
A1
CA-254CS
Cable, 4 conductor, 2.5mm plug to stripped/
tinned, with ring, 6 feet, shielded, 26AWG
tolerance
.X: ±0.5 mm
.XX: ±0.2 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issued; original specification issued by CUI, re-issued by Tensility
without any material or mechanical changes.
A1
May 11, 2009
added Tensility P/N 50-00006 to specification
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com