Electronic Components Datasheet Search
  English  ▼

X  

74AHCT240BQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT240BQ
Description  Octal buffer/line driver; inverting; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT240BQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT240BQ Datasheet HTML 1Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 2Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 3Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 4Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 5Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 6Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT240BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
3 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO20 package: above 70
C the value of P
tot derates linearly with 8.0 mW/K.
For TSSOP20 package: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN20 package: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
2OE
19
output enable input (active LOW)
1A0, 1A1, 1A2, 1A3 2, 4, 6, 8
data input
2A0, 2A1, 2A2, 2A3 17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3 18, 16, 14, 12
data output
2Y0, 2Y1, 2Y2, 2Y3 3, 5, 7, 9
data output
GND
10
ground (0 V)
VCC
20
power supply
Table 3.
Function table[1]
Control
Input
Output
nOE
nAn
nYn
LLH
LH
L
HX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
VI
input voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V
[1]
20
-
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
-
25
mA
ICC
supply current
-
75
mA
IGND
ground current
75
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com