Electronic Components Datasheet Search
  English  ▼

X  

ADS1174IPAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 6Page - Texas Instruments ADS1174IPAPR Datasheet HTML 7Page - Texas Instruments ADS1174IPAPR Datasheet HTML 8Page - Texas Instruments ADS1174IPAPR Datasheet HTML 9Page - Texas Instruments ADS1174IPAPR Datasheet HTML 10Page - Texas Instruments ADS1174IPAPR Datasheet HTML 11Page - Texas Instruments ADS1174IPAPR Datasheet HTML 12Page - Texas Instruments ADS1174IPAPR Datasheet HTML 13Page - Texas Instruments ADS1174IPAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FUNCTIONAL DESCRIPTION
FREQUENCY RESPONSE
0
-20
-40
-60
-80
-100
-120
-140
0.4
NormalizedInputFrequency(f
IN/fDATA)
0
0.2
0.6
0.8
1.0
SAMPLING APERTURE MATCHING
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
0.2
NormalizedInputFrequency(f /f
IN DATA)
0
0.1
0.3
0.4
0.5
0.6
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
The ADS1174 and ADS1178 are 16-bit delta/sigma
The digital filter sets the overall frequency response.
ADCs consisting of independent converters that
The filter uses a multi-stage FIR topology to provide
digitize input signals simultaneously. The ADS1174
linear phase with minimal passband ripple and high
consists of four independent converters, while the
stop band attenuation. The oversampling ratio of the
ADS1178 has eight independent converters.
digital filter (that is, the ratio of the modulator
sampling to the output data rate: fMOD/fDATA) is 64 for
The converter is composed of two main functional
both High-Speed and Low-Power modes.
blocks
to
perform
the
ADC
conversions:
the
modulator and the digital filter.
The
modulator
Figure 2 shows the frequency response of the
samples the input signal together with sampling the
ADS1174/78 normalized to fDATA. Figure 3 shows the
reference voltage to produce a 1's density output
passband ripple. The transition from passband to stop
stream.
The
density
of
the
output
stream
is
band is illustrated in Figure 4. The overall frequency
proportional to the analog input level relative to the
response repeats at 64x multiples of the modulator
reference voltage. The pulse stream is filtered by the
frequency fMOD, as shown in Figure 5.
internal digital filter where the output conversion
result is produced.
In operation, the signal inputs and reference inputs
are sampled by the modulator at a high rate (typically
64x higher than the final output data rate). The
quantization noise of the modulator is moved to a
higher frequency range where the internal digital filter
removes it. This process results in very low levels of
noise within the signal passband.
Because the input signal is sampled at a very high
rate, input signal aliasing does not occur until the
input signal frequency approaches the modulator
sampling rate. The high sampling rate of the
modulator greatly relaxes the requirement of external
antialiasing filters, thus eliminating passband phase
errors that otherwise may be caused by the analog
Figure 2. Frequency Response
filter.
The converters of the ADS1174/78 operate from the
same CLK input. The CLK input controls the timing of
the modulator sampling instant. The converter is
designed so that the sampling skew (or modulator
sampling
aperture
match)
between
channels
is
controlled.
Furthermore,
the
digital
filters
are
synchronized to start the convolution phase at the
same modulator clock cycle. This design results in
excellent phase match among the ADS1174/78
channels.
The phase match of one four-channel ADS1174 to
that of another ADS1174 may not have the same
degree of sampling match (the same is true for two
8-channel ADS1178s). As a result of manufacturing
variations, differences in internal propagation delay of
Figure 3. Passband Response
the internal CLK signal coupled with differences of
the arrival of the external CLK signal to each device
may cause larger sampling match errors. Equal
length CLK traces or external clock distribution
devices can be used to control the arrival of the CLK
signals to help reduce the sampling match error.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com