Electronic Components Datasheet Search
  English  ▼

X  

ADS1174IPAPT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1174IPAPT Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS1174IPAPT Datasheet HTML 23Page - Texas Instruments ADS1174IPAPT Datasheet HTML 24Page - Texas Instruments ADS1174IPAPT Datasheet HTML 25Page - Texas Instruments ADS1174IPAPT Datasheet HTML 26Page - Texas Instruments ADS1174IPAPT Datasheet HTML 27Page - Texas Instruments ADS1174IPAPT Datasheet HTML 28Page - Texas Instruments ADS1174IPAPT Datasheet HTML 29Page - Texas Instruments ADS1174IPAPT Datasheet HTML 30Page - Texas Instruments ADS1174IPAPT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
+15V
(1)
-15V
(1)
V
IN
49.9W
AINP
OPA1632
AINN
V
OCM
0.1 F
m
1kW
1kW
1kW
1kW
49.9W
2.7nF
(2)
2.7nF
(2)
Buffered
VCOM
Output
+15V
(1)
-15V
(1)
Buffered
VCOM
Output
V
IN
OPA1632
49.9W
AINP
AINN
V
=0.25
V
´ IN
O DIFF
V
=V
O COMM
REF
V
OCM
0.1 F
m
249W
1kW
249W
1kW
49.9W
10nF
(2)
10nF
(2)
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
(1) Bypass with 10
µF and 0.1µF capacitors.
(2) 15nF for Low-Speed mode.
Figure 27. Basic Differential Input Signal Interface
(1) Bypass with 10
µF and 0.1µF capacitors.
(2) 56nF for Low-Speed mode.
Figure 28. Basic Single-Ended Input Signal Interface
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com