Electronic Components Datasheet Search
  English  ▼

X  

FDN302P Datasheet(PDF) 12 Page - Texas Instruments

Part # FDN302P
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDN302P Datasheet(HTML) 12 Page - Texas Instruments

Back Button FDN302P Datasheet HTML 8Page - Texas Instruments FDN302P Datasheet HTML 9Page - Texas Instruments FDN302P Datasheet HTML 10Page - Texas Instruments FDN302P Datasheet HTML 11Page - Texas Instruments FDN302P Datasheet HTML 12Page - Texas Instruments FDN302P Datasheet HTML 13Page - Texas Instruments FDN302P Datasheet HTML 14Page - Texas Instruments FDN302P Datasheet HTML 15Page - Texas Instruments FDN302P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
8.3
EVM Power Supply
8.4
Running the Software and Download of Firmware to MMB3
ADS1246EVM-PDK Kit Operation
www.ti.com
The MMB3 is not sold as a microcontroller development board, and it is not available separately. TI cannot
offer support for the MMB3 except as part of an EVM kit. For schematics or other information about the
MMB3, contact Texas Instruments.
The ADS1246EVM-PDK is powered completely from the USB connection on the MMB3. The MMB3
provides 3.3V and
±5V to the ADS1246EVM.
Note:
The software is continually under development. These instructions and screen images are
current at the time of this writing, but may not exactly match future releases.
The program for evaluating the ADS1246EVM-PDK is called ADCPro. This program uses plug-ins to
communicate with the EVM. The ADS1246EVM-PDK plug-in is included in the ADS1246EVM-PDK
package.
The program currently runs only on Microsoft Windows platforms of Windows XP; Windows Vista is NOT
supported.
If this is the first time installing ADCPro and plug-ins, follow these procedures to run ADCPro and perform
any necessary firmware installations. Make sure the ADCPro software and device plug-in software are
installed from the CD-ROM as described in .
Step 1.
Start the software by selecting ADCPro from the Windows Start menu. The screen in Figure 9
appears.
Figure 9. ADCPro Software Start-Up Display Window
12
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com