Electronic Components Datasheet Search
  English  ▼

X  

PCF8532U Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8532U
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532U Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8532U Datasheet HTML 32Page - NXP Semiconductors PCF8532U Datasheet HTML 33Page - NXP Semiconductors PCF8532U Datasheet HTML 34Page - NXP Semiconductors PCF8532U Datasheet HTML 35Page - NXP Semiconductors PCF8532U Datasheet HTML 36Page - NXP Semiconductors PCF8532U Datasheet HTML 37Page - NXP Semiconductors PCF8532U Datasheet HTML 38Page - NXP Semiconductors PCF8532U Datasheet HTML 39Page - NXP Semiconductors PCF8532U Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
36 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
13. Bare die outline
Fig 24. Bare die outline of PCF8532U
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF8532U
PCF8532U
09-01-05
09-01-09
UNIT
mm
max
nom
min
0.380
0.018
0.015
0.012
6.5
1.16
0.054
A
DIMENSIONS (mm are the original dimensions)
Bare die; 197 bumps; 6.5 x 1.16 x 0.38 mm
PC8532-1
0
1
2 mm
scale
A1
b
0.0338
D
E
e(1)
e1(1)
0.2025
L
0.090
X
detail X
A
A1
detail Y
b
e
L
e1
Note
1. Dimension not drawn to scale.
0
0
+y
+x
C1
S1
Y
1
197
167
166
60
61
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com