Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005CT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG2005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005CT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG2005CT Datasheet HTML 3Page - NXP Semiconductors PMEG2005CT Datasheet HTML 4Page - NXP Semiconductors PMEG2005CT Datasheet HTML 5Page - NXP Semiconductors PMEG2005CT Datasheet HTML 6Page - NXP Semiconductors PMEG2005CT Datasheet HTML 7Page - NXP Semiconductors PMEG2005CT Datasheet HTML 8Page - NXP Semiconductors PMEG2005CT Datasheet HTML 9Page - NXP Semiconductors PMEG2005CT Datasheet HTML 10Page - NXP Semiconductors PMEG2005CT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PMEG2005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2010
7 of 14
NXP Semiconductors
PMEG2005CT
500 mA low VF dual MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ =0.1
(2)
δ =0.2
(3)
δ =0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ =0.9
(3)
δ =0.8
(4)
δ =0.5
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
006aab539
IF(AV) (A)
0.0
0.75
0.50
0.25
0.10
0.15
0.05
0.20
0.25
PF(AV)
(W)
0.0
(1)
(2)
(3)
(4)
VR (V)
020
15
510
006aab540
0.2
0.3
0.1
0.4
0.5
PR(AV)
(W)
0.0
(1)
(2)
(4)
(3)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab541
0.25
0.50
0.75
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab542
0.25
0.50
0.75
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com