Electronic Components Datasheet Search
  English  ▼

X  

TDA8948J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8948J
Description  4-channel audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8948J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8948J Datasheet HTML 9Page - NXP Semiconductors TDA8948J Datasheet HTML 10Page - NXP Semiconductors TDA8948J Datasheet HTML 11Page - NXP Semiconductors TDA8948J Datasheet HTML 12Page - NXP Semiconductors TDA8948J Datasheet HTML 13Page - NXP Semiconductors TDA8948J Datasheet HTML 14Page - NXP Semiconductors TDA8948J Datasheet HTML 15Page - NXP Semiconductors TDA8948J Datasheet HTML 16Page - NXP Semiconductors TDA8948J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TDA8948J_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 27 February 2008
13 of 26
NXP Semiconductors
TDA8948J
4-channel audio amplifier
VCC =17V; RL =4 Ω.VCC = 17 V; RL =8 Ω.
a. SE
b. BTL
Fig 8.
Total power dissipation as a function of channel output power per channel
(worst case, all channels driven)
010aaa430
020
Po (W)
20
0
4
8
12
16
4
Ptot
(W)
812
16
Po (W)
020
16
812
4
010aaa432
8
12
4
16
20
Ptot
(W)
0
VCC =17V; RL =4 Ω.VCC = 17 V; RL =8 Ω.
a. SE
b. BTL
Fig 9.
Channel separation as a function of frequency (no band-pass filter applied)
−100
0
−80
−60
−40
−20
mce495
10
αcs
(dB)
f (Hz)
102
103
104
105
−100
0
−80
−60
−40
−20
mce496
10
αcs
(dB)
f (Hz)
102
103
104
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com