Electronic Components Datasheet Search
  English  ▼

X  

SML4735 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SML4735
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SML4735 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SML4735 Datasheet HTML 1Page - EIC discrete Semiconductors SML4735 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ (1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM(2)
(V)
(mA)
(Ω )(Ω )
(mA)
(μA)
(V)
(mA)
(mApk)
SML4728
3.3
76.0
10
400
1.0
100
1.0
276
1380
SML4729
3.6
69.0
10
400
1.0
100
1.0
252
1260
SML4730
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
SML4731
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
SML4732
4.7
53.0
8.0
500
1.0
10
1.0
193
970
SML4733
5.1
49.0
7.0
550
1.0
10
1.0
178
890
SML4734
5.6
45.0
5.0
600
1.0
10
2.0
162
810
SML4735
6.2
41.0
2.0
700
1.0
10
3.0
146
730
SML4736
6.8
37.0
3.5
700
1.0
10
4.0
133
660
SML4737
7.5
34.0
4.0
700
0.5
10
5.0
121
605
SML4738
8.2
31.0
4.5
700
0.5
10
6.0
110
550
SML4739
9.1
28.0
5.0
700
0.5
10
7.0
100
500
SML4740
10
25.0
7.0
700
0.25
10
7.6
91
454
SML4741
11
23.0
8.0
700
0.25
5.0
8.4
83
414
SML4742
12
21.0
9.0
700
0.25
5.0
9.1
76
380
SML4743
13
19.0
10
700
0.25
5.0
9.9
69
344
SML4744
15
17.0
14
700
0.25
5.0
11.4
61
305
SML4745
16
15.5
16
700
0.25
5.0
12.2
57
285
SML4746
18
14.0
20
750
0.25
5.0
13.7
50
250
SML4747
20
12.5
22
750
0.25
5.0
15.2
45
225
SML4748
22
11.5
23
750
0.25
5.0
16.7
41
205
SML4749
24
10.5
25
750
0.25
5.0
18.2
38
190
SML4750
27
9.5
35
750
0.25
5.0
20.6
34
170
SML4751
30
8.5
40
1000
0.25
5.0
22.8
30
150
SML4752
33
7.5
45
1000
0.25
5.0
25.1
27
135
SML4753
36
7.0
50
1000
0.25
5.0
27.4
25
125
SML4754
39
6.5
60
1000
0.25
5.0
29.7
23
115
SML4755
43
6.0
70
1500
0.25
5.0
32.7
22
110
SML4756
47
5.5
80
1500
0.25
5.0
35.8
19
95
SML4757
51
5.0
95
1500
0.25
5.0
38.8
18
90
SML4758
56
4.5
110
2000
0.25
5.0
42.6
16
80
SML4759
62
4.0
125
2000
0.25
5.0
47.1
14
70
SML4760
68
3.7
150
2000
0.25
5.0
51.7
13
65
SML4761
75
3.3
175
2000
0.25
5.0
56.0
12
60
SML4762
82
3.0
200
3000
0.25
5.0
62.2
11
55
SML4763
91
2.8
250
3000
0.25
5.0
69.2
10
50
SML4764
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Notes :
(1) Standard voltage tolerance is±10%, Suffix A ± 5%
(2) Surge current is a non-repetitive,8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method
(3) " SML " will be omitted in marking on the diode.
Page 2 of 2
Rev. 07 : September 18, 2008
Type
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com