Electronic Components Datasheet Search
  English  ▼

X  

SN1N Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SN1N
Description  SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN1N Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SN1N Datasheet HTML 1Page - EIC discrete Semiconductors SN1N Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN1N - SN1R
SURFACE MOUNT
HIGH VOLTAGE RECTIFIERS
PRV : 1200 - 2000 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SN1N
SN1O
SN1P
SN1Q
SN1R
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
1400
1600
1800
2000
V
Maximum RMS Voltage
VRMS
840
980
1120
1260
1400
V
Maximum DC Blocking Voltage
VDC
1200
1400
1600
1800
2000
V
Maximum Average Forward Current
Ta = 75
°C
IF(AV)
1.0
A
Maximum Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 A
VF
2.2
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Junction Capacitance (Note 1)
Cj
36
pF
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
30
A
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07


Similar Part No. - SN1N

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N Datasheet
16Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
SynSemi, Inc.
SN1N SYNSEMI-SN1N Datasheet
88Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
More results

Similar Description - SN1N

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N Datasheet
16Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9 Datasheet
74Kb / 2P
High Voltage Surface Mount Schottky Barrier Rectifiers
18-Aug-04
logo
EIC discrete Semiconduc...
SN3N EIC-SN3N Datasheet
32Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
SN5N EIC-SN5N Datasheet
33Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
X20FF3L VMI-X20FF3L Datasheet
71Kb / 1P
High Voltage Rectifiers - Surface Mount
logo
SynSemi, Inc.
SN1N SYNSEMI-SN1N Datasheet
88Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
SN5N SYNSEMI-SN5N Datasheet
31Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6529U NJSEMI-1N6529U Datasheet
90Kb / 1P
HIGH VOLTAGE RECTIFIERS - SURFACE MOUNT
logo
Shenzhen Taychipst Elec...
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com