Electronic Components Datasheet Search
  English  ▼

X  

ZMD24 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # ZMD24
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMD24 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  ZMD24 Datasheet HTML 1Page - EIC discrete Semiconductors ZMD24 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMD3.9 ~ ZMD100
ZENER DIODES
VZ : 3.9 to 100 Volts
PD : 1 Watts
FEATURES :
* Nominal zener voltage 3.9 ~ 100 Volts
* Maximum power dissipation 1 Watts
* Pb / RoHS Free
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C)
* Weight : 0.05 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation
(1)
PD
1W
Thermal Resistance Junction to Ambient Air
(1)
RӨJA
150
K/W
Thermal Resistance Junction to Terminal
RӨJT
60
K/W
Operating Junction Temperature Range
TJ
-50 to + 175
°C
Storage Temperature Range
TSTG
-50 to + 175
°C
Note:
(1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
.
Page 1 of 2
Rev. 01 : September 6, 2006
Parameter
Dimensions in inches and ( millimeters )
MiniMELF (SOD-80C)
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
Mounting Pad Layout
0.197 (5.00)
REF
0.049 (1.25)Min.
0.098 (2.50)
Max.
0.079 (2.00)Min.
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - ZMD24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD24 DIOTEC-ZMD24 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD24 DIOTEC-ZMD24 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
Semikron International
ZMD24 SEMIKRON-ZMD24 Datasheet
50Kb / 1P
Zener silicon diodes
logo
Diotec Semiconductor
ZMD24 DIOTEC-ZMD24 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD24 DIOTEC-ZMD24 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com