Electronic Components Datasheet Search
  English  ▼

X  

ZMD30 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZMD30
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMD30 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZMD30 Datasheet HTML 1Page - EIC discrete Semiconductors ZMD30 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Zener Voltage
(2)
Test
Temp. Coefficient
Reverse Voltage
Zener
at IZT
Current
of Zener Voltage
at IR =0.5μA
Current
(1)
IZT
αVZ
VRmin
Izmax
min.
max.
(mA)
IZ = 5 mA
IZ = 1 mA
(10
-4/°C)
(V)
(mA)
ZMD3.9
3.7
4.1
5
80(<95)
-
-9…-4
-
244
ZMD4.3
4.0
4.6
5
80(<95)
-
-9…-3
-
217
ZMD4.7
4.4
5.0
5
70(<78)
<1400
-8…-3
-
200
ZMD5.1
4.8
5.4
5
30(<60)
<700
-8…-3
0.5(1μA)
185
ZMD5.6
5.2
6.0
5
10(<40)
<500
-7…-3
1.0(1μA)
167
ZMD6.2
5.8
6.6
5
4.8(<11)
<300
-6…-1
1.5(1μA)
152
ZMD6.8
6.4
7.2
5
4.5(<10)
<300
-5…+2
2.0(1μA)
139
ZMD7.5
7.0
7.9
5
4.0(<8)
<100
-3…+4
3.5
127
ZMD8.2
7.7
8.7
5
4.5(<10)
<50
-2…+6
5.0
115
ZMD9.1
8.5
9.6
5
4.8(<11)
<50
-1…+7
6.0
104
ZMD10
9.4
10.6
5
5.2(<15)
<70
+2…+7
7.0
94
ZMD11
10.4
11.6
5
6.0(<20)
<70
+3…+7
7.0
86
ZMD12
11.4
12.7
5
7.0(<20)
<90
+4…+7
8.0
79
ZMD13
12.4
14.1
5
9.0(<25)
<110
+5…+8
9.0
71
ZMD15
13.8
15.6
5
11(<30)
<110
+5…+8
10
64
ZMD16
15.3
17.1
5
13(<40)
<170
+5…+9
11
58
ZMD18
16.8
19.1
5
18(<50)
<170
+6…+9
12
52
ZMD20
18.8
21.2
5
20(<50)
<220
+7…+9
13
47
ZMD22
20.8
23.3
5
25(<55)
<220
+7…+9
15
43
ZMD24
22.8
25.6
5
28(<80)
<220
+7…+9.5
16
39
ZMD27
25.1
28.9
5
30(<80)
<250
+8…+9.5
18
35
ZMD30
28
32
5
35(<80)
<250
+8…+9.5
20
31
ZMD33
31
35
5
40(<80)
<250
+8…+10
22
29
ZMD36
34
38
5
40(<90)
<300
+8…+10
24
26
ZMD39
37
41
5
50(<90)
<500
+8…+10
26
24
ZMD43
40
46
5
60(<100)
<700
+8…+10
28
22
ZMD47
44
50
5
70(<100)
<750
+8…+10
31
20
ZMD51
48
54
5
70(<100)
<750
+8…+10
34
19
ZMD56
52
60
5
70(<100)
<750
+9…+11
36
17
ZMD62
58
66
5
80(<110)
<750
+9…+11
41
15
ZMD68
64
72
5
90(<140)
<750
+9…+12
45
14
ZMD75
70
79
5
95(<150)
<750
+9…+12
49
13
ZMD82
77
88
5
100(<170)
<750
+9…+12
54
11
ZMD91
85
96
5
130(<200)
<800
+10…+12
59
10
ZMD100
94
106
5
200(<300)
<800
+10…+12
66
9
Notes:
(1) Mounted on P.C. board with 25 mm
2 copper pads at each terminal.
(2) Tested with pulses
.
Page 2 of 4
Rev. 01 : September 6, 2006
Type
Vz (V)
Dynamic
Resistance
rzj (Ω) at f = 1kHz
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com