Electronic Components Datasheet Search
  English  ▼

X  

GD82551QM Datasheet(PDF) 13 Page - Intel Corporation

Part # GD82551QM
Description  Fast Ethernet Multifunction PCI/CardBus Controller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82551QM Datasheet(HTML) 13 Page - Intel Corporation

Back Button GD82551QM Datasheet HTML 9Page - Intel Corporation GD82551QM Datasheet HTML 10Page - Intel Corporation GD82551QM Datasheet HTML 11Page - Intel Corporation GD82551QM Datasheet HTML 12Page - Intel Corporation GD82551QM Datasheet HTML 13Page - Intel Corporation GD82551QM Datasheet HTML 14Page - Intel Corporation GD82551QM Datasheet HTML 15Page - Intel Corporation GD82551QM Datasheet HTML 16Page - Intel Corporation GD82551QM Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
Networking Silicon — 82551QM
Datasheet
7
4.0
Signal Descriptions
4.1
Signal Type Definitions
Table 2.
Signal Type Descriptions
Type
Name
Description
IN
Input
The input pin is a standard input only signal.
OUT
Output
The output pin is a Totem Pole Output pin and is a standard
active driver.
TS
Tri-State
The tri-state pin is a bidirectional, input/output pin.
STS
Sustained Tri-State
The sustained tri-state pin is an active low tri-state signal owned
and driven by one agent at a time. The agent asserting the STS
pin low must drive it high at least one clock cycle before floating
the pin. A new agent can only assert an STS signal low one
clock cycle after it has been tri-stated by the previous owner.
OD
Open Drain
The open drain pin allows multiple devices to share this signal
as a wired-OR.
AI
Analog Input
The analog input pin is used for analog input signals.
AO
Analog Output
The analog output pin is used for analog output signals.
B
Bias
The bias pin is an input bias.
DPS
Digital Power
Supply
Digital power or ground for the device.
APS
Analog Power
Supply
Analog power or ground for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com