Electronic Components Datasheet Search
  English  ▼

X  

SBL1040CT Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SBL1040CT
Description  DUAL SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SBL1040CT Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SBL1040CT Datasheet HTML 1Page - EIC discrete Semiconductors SBL1040CT Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL1030CT ~ SBL1040CT
DUAL SCHOTTKY
BARRIER RECTIFIERS
PRV : 30 ~ 40 Volts
Io : 10 Amperes
FEATURES :
* Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
* Dual rectifier construction, positive center tap
* Metal silicon junction, majority carrier conduction
* Low power loss, high efficiency
* Guardring for overvoltage protection
* For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
* Pb / RoHS Free
MECHANICAL DATA :
* Case : JEDEC TO-220AB molded plastic body
* Terminals: Plated leads, solderable per
MIL-STD-750 Method 2026
* Polarity: As marked
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS ( Tc = 25 °C unless otherwise noted )
SYMBOL
SBL1030CT
SBL1040CT
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum Working Peak Reverse Voltage
VRWM
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current
Total device
at TC = 107 °C
Per leg
Peak Forward Surg Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method) Per leg
Maximum Instantaneous Forward Voltage at 5.0A (Note 1)
VF
V
Maximum Instantaneous Reverse Current
TC = 25 °C
Per leg at Rate DC Blocking Voltage (Note 1)
TC = 100 °C
Typical Thermal Resistance (Junction to Case) Per Leg
RθJC
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
°C
Note :
(1) Pulse test : 300 µs pluse width, 1% duty cycle
Page 1 of 2
Rev. 01 : March 7, 2006
mA
50
30
21
3.0
-40 to + 125
0.5
IR
0.55
PARAMETER
IFSM
10
5.0
30
40
28
40
A
175
A
IF(AV)
0.105(2.67)
0.095(2.41)
PIN 2
0.205(520)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54)MAX.
0.154(3.91)DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
PIN 1
PIN 3
CASE
0.022(0.56)
0.014(0.36)
13
2
TO-220AB
Dimensions in inches and ( millimeters )
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SBL1040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1040CT DIODES-SBL1040CT Datasheet
66Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
logo
General Semiconductor
SBL1040CT GE-SBL1040CT Datasheet
80Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL1040CT GOOD-ARK-SBL1040CT Datasheet
236Kb / 3P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL1040CT DIODES-SBL1040CT Datasheet
74Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. 4 - 2
logo
List of Unclassifed Man...
SBL1040CT ETC2-SBL1040CT Datasheet
103Kb / 2P
Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL1040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
DUAL SCHOTTKY BARRIER RECTIFIERS
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com