Electronic Components Datasheet Search
  English  ▼

X  

MCP14E3 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP14E3
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP14E3 Datasheet HTML 6Page - Microchip Technology MCP14E3 Datasheet HTML 7Page - Microchip Technology MCP14E3 Datasheet HTML 8Page - Microchip Technology MCP14E3 Datasheet HTML 9Page - Microchip Technology MCP14E3 Datasheet HTML 10Page - Microchip Technology MCP14E3 Datasheet HTML 11Page - Microchip Technology MCP14E3 Datasheet HTML 12Page - Microchip Technology MCP14E3 Datasheet HTML 13Page - Microchip Technology MCP14E3 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 10
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-19:
Input Threshold vs.
Temperature.
FIGURE 2-20:
Input Threshold vs. Supply
Voltage.
FIGURE 2-21:
Enable Threshold vs.
Temperature.
FIGURE 2-22:
Enable Hysteresis vs.
Temperature.
FIGURE 2-23:
Crossover Energy vs.
Supply Voltage.
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VHI
VLO
VDD = 18V
1.0
1.2
1.4
1.6
1.8
2.0
4
6
8
1012141618
Supply Voltage (V)
VHI
VLO
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VEN_H
VEN_L
VDD = 12V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 12V
1E-09
1E-08
1E-07
1E-06
4
6
8
10
12
141618
Supply Voltage (V)
Note:
The values on this graph represent the
loss seen by both drivers in a package
during one complete cycle.
For a single driver, divide the stated
value by 2.
For a signal transition of a single driver,
divide the state value by 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com