Electronic Components Datasheet Search
  English  ▼

X  

MM1Z4702 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM1Z4702
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM1Z4702 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM1Z4702 Datasheet HTML 1Page - EIC discrete Semiconductors MM1Z4702 Datasheet HTML 2Page - EIC discrete Semiconductors MM1Z4702 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS(Ta = 25 °C)
Test
Maximum Reverse
Current
Leakage Current
IZT
Min.
Nom.
Max.
(µA)
(
μA)
(V)
MM1Z4689
BX
4.85
5.1
5.36
50
10
3.0
MM1Z4690
BY
5.32
5.6
5.88
50
10
4.0
MM1Z4691
BZ
5.89
6.2
6.51
50
10
5.0
MM1Z4692
CA
6.46
6.8
7.14
50
10
5.1
MM1Z4693
CB
7.13
7.5
7.88
50
10
5.7
MM1Z4694
CC
7.79
8.2
8.61
50
1.0
6.2
MM1Z4696
CE
8.65
9.1
9.56
50
1.0
6.9
MM1Z4697
CF
9.50
10
10.50
50
1.0
7.6
MM1Z4698
CH
10.45
11
11.50
50
0.05
8.4
MM1Z4699
CJ
11.40
12
12.60
50
0.05
9.1
MM1Z4700
CK
12.35
13
13.65
50
0.05
9.8
MM1Z4702
CN
14.25
15
15.75
50
0.05
11.4
MM1Z4703
CP
15.20
16
16.80
50
0.05
12.1
MM1Z4705
CX
17.10
18
18.90
50
0.05
13.6
MM1Z4707
CZ
19.00
20
21.00
50
0.01
15.2
MM1Z4708
DA
20.90
22
23.10
50
0.01
16.7
MM1Z4709
DB
22.80
24
25.20
50
0.01
18.2
MM1Z4711
DD
25.65
27
28.35
50
0.01
20.4
MM1Z4713
DF
28.50
30
31.50
50
0.01
22.8
MM1Z4714
DH
31.35
33
34.65
50
0.01
25.0
MM1Z4715
DJ
34.20
36
37.80
50
0.01
27.3
MM1Z4716
DK
37.05
39
40.95
50
0.01
29.6
MM1Z4717
DM
40.85
43
45.15
50
0.01
32.6
Notes :
(1) Tested with pulses tp = 20 ms
Page 2 of 3
Rev. 03 : June 9, 2008
Type No.
IR
@
VR
VZ @ IZT
(V)
Zener Voltage
(1)
Marking
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com