Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 3Page - Microchip Technology PIC14000 Datasheet HTML 4Page - Microchip Technology PIC14000 Datasheet HTML 5Page - Microchip Technology PIC14000 Datasheet HTML 6Page - Microchip Technology PIC14000 Datasheet HTML 7Page - Microchip Technology PIC14000 Datasheet HTML 8Page - Microchip Technology PIC14000 Datasheet HTML 9Page - Microchip Technology PIC14000 Datasheet HTML 10Page - Microchip Technology PIC14000 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 7
PIC14000
3.0
ARCHITECTURAL OVERVIEW
The PIC14000 addresses 4K x 14 program memory. All
program memory is internal. The PIC14000 can directly
or indirectly address its register files or data memory. All
special function registers including the program counter
are mapped in the data memory. The PIC14000 has an
orthogonal instruction set that makes it possible to
carry out any operation on any register using any
addressing mode. This symmetrical nature and lack of
‘special optimal situations’ make programming with the
PIC14000 simple yet efficient. In addition, the learning
curve is reduced significantly.
The PIC14000 contains an 8-bit ALU and working
register. The ALU performs arithmetic and Boolean
functions between data in the working register and any
register file.
The ALU is capable of addition, subtraction, shift, and
logical
operations.
Unless
otherwise
mentioned,
arithmetic
operations
are
two's
complement.
In
two-operand instructions, typically one operand is the
working register (W register). The other operand is a
file register or an immediate constant. In single
operand instructions, the operand is either the
W register or a file register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a borrow bit and a digit borrow out bit,
respectively, in subtraction. See the SUBLW and SUBWF
instructions for examples.
A simplified block diagram for the PIC14000 is shown
in Figure 3-1, its corresponding pin description is
shown in Table 3-1.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com