Electronic Components Datasheet Search
  English  ▼

X  

MZ55C150 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MZ55C150
Description  SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MZ55C150 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MZ55C150 Datasheet HTML 1Page - EIC discrete Semiconductors MZ55C150 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified)
Temp. coefficient
Admissible
of Zener Voltage
Zener
Number
Nom
1)
Min
2)
Max
2)
IZT
ZZT @ IZT ZZk @ IZK
IZK
IR
at VR
TKVZ
Current
(2)
(V)
(V)
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(% / K)
IZM (mA)
MZ55C3V0
3.0
2.8
3.2
5.0
85
600
1.0
4.0
1.0
-0.08...-0.05
125
MZ55C3V3
3.3
3.1
3.5
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
115
MZ55C3V6
3.6
3.4
3.8
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
105
MZ55C3V9
3.9
3.7
4.1
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
95
MZ55C4V3
4.3
4.0
4.6
5.0
75
600
1.0
1.0
1.0
-0.06...-0.03
90
MZ55C4V7
4.7
4.4
5.0
5.0
60
600
1.0
1.0
1.0
-0.05...+0.02
85
MZ55C5V1
5.1
4.8
5.4
5.0
35
550
1.0
1.0
1.0
-0.02...+0.02
80
MZ55C5V6
5.6
5.2
6.0
5.0
25
450
1.0
1.0
1.0
-0.05...+0.05
70
MZ55C6V2
6.2
5.8
6.6
5.0
10
200
1.0
1.0
2.0
0.03...0.06
64
MZ55C6V8
6.8
6.4
7.2
5.0
8
150
1.0
1.0
3.0
0.03...0.07
58
MZ55C7V5
7.5
7.0
7.9
5.0
7
50
1.0
1.0
5.0
0.03...0.07
53
MZ55C8V2
8.2
7.7
8.7
5.0
7
50
1.0
1.0
6.2
0.03...0.08
47
MZ55C9V1
9.1
8.5
9.6
5.0
10
50
1.0
1.0
6.8
0.03...0.09
43
MZ55C10
10
9.4
10.6
5.0
15
70
1.0
1.0
7.5
0.03...0.10
40
MZ55C11
11
10.4
11.6
5.0
20
70
1.0
1.0
8.2
0.03...0.11
36
MZ55C12
12
11.4
12.7
5.0
20
90
1.0
1.0
9.1
0.03...0.11
32
MZ55C13
13
12.4
14.1
5.0
26
110
1.0
1.0
10.0
0.03...0.11
29
MZ55C14
14
13.1
15.0
5.0
28
110
1.0
1.0
10.5
0.03...0.11
28
MZ55C15
15
13.8
15.6
5.0
30
110
1.0
1.0
11
0.03...0.11
27
MZ55C16
16
15.3
17.1
5.0
40
170
1.0
1.0
12
0.03...0.11
24
MZ55C18
18
16.8
19.1
5.0
50
170
1.0
1.0
13
0.03...0.11
21
MZ55C20
20
18.8
21.2
5.0
55
220
1.0
1.0
15
0.03...0.11
20
MZ55C22
22
20.8
23.3
5.0
55
220
1.0
1.0
16
0.04...0.12
18
MZ55C24
24
22.8
25.6
5.0
80
220
1.0
1.0
18
0.04...0.12
16
MZ55C27
27
25.1
28.9
5.0
80
220
1.0
1.0
20
0.04...0.12
14
MZ55C30
30
28
32
5.0
80
220
1.0
1.0
22
0.04...0.12
13
MZ55C33
33
31
35
5.0
80
220
1.0
1.0
24
0.04...0.12
12
MZ55C36
36
34
38
5.0
80
220
1.0
1.0
27
0.04...0.12
11
MZ55C39
39
37
41
2.5
90
500
0.5
1.0
30
0.04...0.12
10
MZ55C43
43
40
46
2.5
90
500
0.5
1.0
33
0.04...0.12
9.2
MZ55C47
47
44
50
2.5
110
600
0.5
1.0
36
0.04...0.12
8.5
MZ55C51
51
48
54
2.5
125
700
0.5
1.0
39
0.04...0.12
7.8
MZ55C56
56
52
60
2.5
135
700
0.5
1.0
43
0.04...0.12
7.0
MZ55C62
62
58
66
2.5
150
1000
0.5
1.0
47
0.04...0.12
6.4
MZ55C68
68
64
72
2.5
200
1000
0.5
1.0
51
0.04...0.12
5.9
MZ55C75
75
70
79
2.5
250
1000
0.5
1.0
56
0.04...0.12
5.3
MZ55C82
82
77
87
2.5
300
1500
0.5
1.0
62
0.05...0.12
4.8
MZ55C91
91
85
96
1.0
450
2000
0.1
1.0
68
0.05...0.12
4.4
MZ55C100
100
94
106
1.0
450
5000
0.1
1.0
75
0.05...0.12
4.0
MZ55C110
110
104
116
1.0
600
5000
0.1
1.0
82
0.05...0.12
3.6
MZ55C120
120
114
127
1.0
800
5500
0.1
1.0
91
0.05...0.12
3.3
MZ55C130
130
124
141
1.0
950
6000
0.1
1.0
100
0.05...0.12
3.1
MZ55C150
150
138
156
1.0
1250
6500
0.1
1.0
110
0.05...0.12
3.7
MZ55C160
160
153
171
1.0
1400
7000
0.1
1.0
120
0.05...0.12
2.5
MZ55C180
180
168
191
1.0
1700
8500
0.1
1.0
130
0.05...0.12
2.2
MZ55C190
190
180
199
1.0
1850
9500
0.1
1.0
140
0.05...0.12
2.1
MZ55C200
200
188
212
1.0
2000
10000
0.1
1.0
150
0.05...0.12
2.0
Notes:
(1) Tested with pulses tp = 20 ms
(2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case
(3) For ± 2% tolerance altered the fifth letter of type from "C" to be "B"
(4) at Iz = 2.5 mA
Page 2 of 2
Rev. 01 : December 7, 2007
Type
Max. Reverse
Leakage Current
Zener Voltage
VZ @ IZT
Maximum Zener
Impedance
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com