Electronic Components Datasheet Search
  English  ▼

X  

SP510EM Datasheet(PDF) 19 Page - Exar Corporation

Part # SP510EM
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510EM Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP510EM Datasheet HTML 15Page - Exar Corporation SP510EM Datasheet HTML 16Page - Exar Corporation SP510EM Datasheet HTML 17Page - Exar Corporation SP510EM Datasheet HTML 18Page - Exar Corporation SP510EM Datasheet HTML 19Page - Exar Corporation SP510EM Datasheet HTML 20Page - Exar Corporation SP510EM Datasheet HTML 21Page - Exar Corporation SP510EM Datasheet HTML 22Page - Exar Corporation SP510EM Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
TABLE 7: V.11 & V.35 DRIVERS
INPUTS
OUTPUTS
TX_EN#
TX_IN
TX(A)
TX(B)
1
1
0
1
1
0
1
0
TABLE 8: V.11 & V.35 RECEIVERS
INPUTS
OUTPUTS
RX(A) - RX(B)
≥ 200 mV
1
≤ −200 mV
0
Open / shorted
1
TABLE 9: V.28 DRIVERS
INPUTS
OUTPUTS
TX_EN#
TX_IN
TX(A)
TX(B)
1
1
< -5V
> 30 k
Ω
1
0
> +5V
> 30 k
Ω
TABLE 10: V.28 RECEIVERS
INPUTS
OUTPUTS
RX(A) - RX(B)
≥ +3V
0
≤ −3V
1
Open / ground
1
TABLE 11: V.10 DRIVERS
INPUTS
OUTPUTS
TX_EN#
TX_IN
TX(A)
TX(B)
1
1
< -4V
> 30 k
Ω
1
0
> +4V
> 30 k
Ω
TABLE 12: V.10 RECEIVERS
INPUTS
OUTPUTS
RX(A) - RX(B)
≥ +0.3V
0
≤ −0.3V
1
Open / ground
1
SP510
19
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
RO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com