Electronic Components Datasheet Search
  English  ▼

X  

M48T512V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T512V
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 3Page - STMicroelectronics M48T512V Datasheet HTML 4Page - STMicroelectronics M48T512V Datasheet HTML 5Page - STMicroelectronics M48T512V Datasheet HTML 6Page - STMicroelectronics M48T512V Datasheet HTML 7Page - STMicroelectronics M48T512V Datasheet HTML 8Page - STMicroelectronics M48T512V Datasheet HTML 9Page - STMicroelectronics M48T512V Datasheet HTML 10Page - STMicroelectronics M48T512V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
M48T512Y, M48T512V
Operating modes
Doc ID 5747 Rev 6
7/23
2
Operating modes
The 32-pin, 600 mil hybrid DIP houses a controller chip, SRAM, quartz crystal, and a long
life lithium button cell in a single package. Figure 3 on page 6 illustrates the static memory
array and the quartz controlled clock oscillator. The clock locations contain the year, month,
date, day, hour, minute, and second in 24 hour BCD format. Corrections for 28, 29 (leap year
- compliant until the year 2100), 30, and 31 day months are made automatically. Byte
7FFF8h is the clock control register (see Table 5 on page 12). This byte controls user
access to the clock information and also stores the clock calibration setting. The seven clock
bytes (7FFFFh-7FFF9h) are not the actual clock counters; they are memory locations
consisting of BiPORT™ READ/WRITE memory cells within the static RAM array. The
M48T512Y/V includes a clock control circuit which updates the clock bytes with current
information once per second. The information can be accessed by the user in the same
manner as any other location in the static memory array. The M48T512Y/V also has its own
power-fail detect circuit. This control circuitry constantly monitors the supply voltage for an
out of tolerance condition. When VCC is out of tolerance, the circuit write protects the
TIMEKEEPER register data and SRAM, providing data security in the midst of unpredictable
system operation. As VCC falls, the control circuitry automatically switches to the battery,
maintaining data and clock operation until valid power is restored.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = Battery backup switchover voltage.
2.1
READ mode
The M48T512Y/V is in the READ mode whenever W (WRITE enable) is high and E (chip
enable) is low. The unique address specified by the 19 address inputs defines which one of
the 524,288 bytes of data is to be accessed. Valid data will be available at the data I/O pins
within address access time (tAVQV) after the last address input signal is stable, providing the
E and G access times are also satisfied. If the E and G access times are not met, valid data
will be available after the latter of the chip enable access times (tELQV) or output enable
access time (tGLQV). The state of the eight three-state data I/O signals is controlled by E and
G. If the outputs are activated before tAVQV, the data lines will be driven to an indeterminate
state until tAVQV. If the address inputs are changed while E and G remain active, output data
will remain valid for output data hold time (tAXQX) but will go indeterminate until the next
address access.
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5 to 5.5 V
or
3.0 to 3.6 V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
1.
See Table 11 on page 18 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com