Electronic Components Datasheet Search
  English  ▼

X  

MDC080A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MDC080A
Description  DIODE MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MDC080A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MDC080A_07 Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDC080A ~ MDC220A
DIODE MODULES
Applications :
* Supplies for DC power equipment
* DC supply for PWM inverter
* Field supply for DC motors
* Battery DC power supplies
Advantages :
* Space and weight savings
* Simple mounting
* Improved temperature and power cycling
* Reduced protection circuits
TYPE
VRRM (V)
VRSM (V)
MDC080A
800
900
MDC120A
1200
1300
MDC140A
1400
1500
MDC160A
1600
1700
MDC180A
1800
1900
MDC200A
2000
2100
MDC220A
2200
2300
MAXIMUM RATINGS
SYMBOL
TEST CONDITION
MAXIMUM
UNIT
IFRMS
TVJ = TVJM
180
A
IF(AV)
TC = 105 °C ; 180° sine
120
A
IFSM
TVJ = 45 °C t = 10 ms(50 Hz), sine
2800
A
VR = 0
t = 8.3 ms(60 Hz), sine
3300
A
TVJ = TVJM
t = 10 ms(50 Hz), sine
2500
A
VR = 0
t = 8.3 ms(60 Hz), sine
2750
A
∫i
2dt
TVJ = 45 °C t = 10 ms(50 Hz), sine
39200
A
2s
VR = 0
t = 8.3 ms(60 Hz), sine
45000
A
2s
TVJ = TVJM
t = 10 ms(50 Hz), sine
31200
A
2s
VR = 0
t = 8.3 ms(60 Hz), sine
31300
A
2s
IR
TVJ = TVJM ; VR = VRRM
15
mA
VF
IF = 300 A ; TVJ = 25 °C
1.43
V
RthJC
Per diode ; DC current
0.26
Per module
0.13
RthJK
Per diode ; DC current
0.46
Per module
0.23
TVJ
-40 to +150
°C
TVJM
150
°C
TSTG
-40 to +125
°C
Page 1 of 1
Rev. 01 : March 21, 2007
K/W
K/W
Dimensions in millimeters
12
3
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MDC080A_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC009 ETC2-MDC009 Datasheet
238Kb / 4P
HOT MELT APPLICATOR OPERATING INSTRUCTIONS
More results

Similar Description - MDC080A_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com