Electronic Components Datasheet Search
  English  ▼

X  

AR3501 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AR3501
Description  AUTOMOTIVE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AR3501 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AR3501 Datasheet HTML 1Page - EIC discrete Semiconductors AR3501 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR3500 - AR3510
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 35 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 1.80 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AR
3500
AR
3501
AR
3502
AR
3504
AR
3506
AR
3508
AR
3510
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Forward Current Tc = 150
°C
IF(AV)
35
A
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 35 Amps.
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Thermal Resistance (Note 1)
R
θJC
1.0
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Marking Code
Note : (1) Thermal resistance from junction to case. Single side cooled.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
A
400
IFSM
Dimensions in inches and (millimeter)
0.410 (10.4)
0.380 (9.70)
0.185 (4.7)
0.165 (4.2)
0.250 (6.4)
0.235 (6.0)
0.225 (5.7)
0.215 (5.5)
5
° NOM
* Pb / RoHS Free


Similar Part No. - AR3501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR3501 EIC-AR3501 Datasheet
17Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
GOOD-ARK Electronics
AR3501 GOOD-ARK-AR3501 Datasheet
48Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Yangzhou yangjie electr...
AR3501 YANGJIE-AR3501 Datasheet
751Kb / 2P
35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
AR3501 GXELECTRONICS-AR3501 Datasheet
509Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
New Jersey Semi-Conduct...
AR3501 NJSEMI-AR3501 Datasheet
89Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - AR3501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
AR2500L NJSEMI-AR2500L Datasheet
82Kb / 1P
AUTOMOTIVE RECTIFIER DIODES
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com