Electronic Components Datasheet Search
  English  ▼

X  

SL12 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SL12
Description  LOW VF SURFACE MOUNT SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SL12 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SL12 Datasheet HTML 1Page - EIC discrete Semiconductors SL12 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL12 - SL13
LOW VF SURFACE MOUNT
SCHOTTKY RECTIFIERS
PRV : 20 - 30 Volts
IO : 1.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low cost
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMA (DO-214AC) Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SL12
SL13
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
V
Maximum RMS Voltage
VRMS
14
21
V
Maximum DC Blocking Voltage
VDC
20
30
V
Maximum Average Forward Current
at TL = 105
°C
Maximum Peak Forward Surge Current,
8.3ms single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Instantaneous
IF = 0.1A , Ta = 125
°C
0.230
Forward Voltage at (1)
IF = 0.1A , Ta = 25
°C
0.360
IF = 1.0A , Ta = 125
°C
0.340
IF = 1.0A , Ta = 25
°C
0.445
Maximum Reverse Current at
Ta = 25
°C
0.2
Rated DC Blocking Voltage (1)
Ta = 100
°C
6.0
R
θJA
88
R
θJL
28
Operating Junction Temperature Range
TJ
- 55 to + 125
°C
Storage Temperature Range
TSTG
- 55 to + 150
°C
Notes: (1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 1%.
(2) P.C.B. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) Copper Pad Areas
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
50
A
IF(AV)
1.5
A
Maximum Thermal Resistance (2)
VF
V
°C/W
°C/W
mA
IR
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07
2.0
± 0.2
* Pb / RoHS Free


Similar Part No. - SL12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SL12 WTE-SL12 Datasheet
40Kb / 3P
1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SL12 SEMTECH-SL12 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Formosa MS
SL12 FORMOSA-SL12 Datasheet
67Kb / 2P
Silicon epitaxial planer type
More results

Similar Description - SL12

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SS14L JUXING-SS14L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS34L JUXING-SS34L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL545BF JUXING-SSL545BF Datasheet
806Kb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK12L JUXING-DSK12L_19 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK34L JUXING-DSK34L_V01 Datasheet
809Kb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com