Electronic Components Datasheet Search
  English  ▼

X  

US1M Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # US1M
Description  SURFACE MOUNT ULTRA FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

US1M Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  US1M Datasheet HTML 1Page - EIC discrete Semiconductors US1M Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1A - US1M
SURFACE MOUNT
ULTRA FAST RECTIFIERS
PRV : 50 ~ 1000 Volts
Io : 1.0 Ampere
FEATURES :
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.060 gram (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Continuous Reverse Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
1.0
A
Maximum non-repetitive peak forward current
8.3ms Single half sine wave,
Maximum Instantaneous Forward Voltage at IF = 1.0 A
VF
1.1
1.7
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
μA
Maximum Reverse Recovery Time
(1)
Trr
50
75
ns
Typical Junction Capacitance
(2)
CJ
15
10
pF
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 06 : September 23, 2008
RATING
IFSM
A
30
2.3
± 0.2
SMA
1.6
± 0.25
2.6
± 0.15
Dimensions in millimeters
1.3
± 0.2
1.6
± 0.25
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - US1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1M SSE-US1M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
US1M DIODES-US1M Datasheet
45Kb / 2P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. B1-2
logo
Fuji Electric
US1M FUJI-US1M Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
US1M DIOTEC-US1M Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US1M WEITRON-US1M Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
More results

Similar Description - US1M

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
US2AF JUXING-US2AF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US1ABF JUXING-US1ABF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com