Electronic Components Datasheet Search
  English  ▼

X  

M24256-BF Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24256-BF
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24256-BF Datasheet HTML 32Page - STMicroelectronics M24256-BF Datasheet HTML 33Page - STMicroelectronics M24256-BF Datasheet HTML 34Page - STMicroelectronics M24256-BF Datasheet HTML 35Page - STMicroelectronics M24256-BF Datasheet HTML 36Page - STMicroelectronics M24256-BF Datasheet HTML 37Page - STMicroelectronics M24256-BF Datasheet HTML 38Page - STMicroelectronics M24256-BF Datasheet HTML 39Page - STMicroelectronics M24256-BF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Part numbering
M24256-BF, M24256-BR, M24256-BW, M24256-DR
36/42
Doc ID 6757 Rev 21
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 23.
Ordering information scheme
Example:
M24256–B
W
MW
6
T
P
/AB
Device type
M24 = I2C serial access EEPROM
Device function
256– = 256 Kbit (32 Kb × 8)
Device family
B: Without Identification page
D: With additional Identification page
Operating voltage
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
F = VCC = 1.7 to 5.5 V
Package
MW = SO8 (208 mils width)
MN = SO8 (150 mils body width)
DW = TSSOP8
MB = UFDFPN8 (MLP8)
CS = WLCSP
Device grade
6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow
3 = Automotive: device tested with high reliability certified flow(1)
over –40 to 125 °C
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process
/A = F8L process
/AB = F8L process (for device grade 3)
/K = F8H process
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High
Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a
copy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com