Electronic Components Datasheet Search
  English  ▼

X  

RD4.7JS Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # RD4.7JS
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD4.7JS Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  RD4.7JS Datasheet HTML 1Page - EIC discrete Semiconductors RD4.7JS Datasheet HTML 2Page - EIC discrete Semiconductors RD4.7JS Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Dynamic
Knee Dynamic
Reverse
Type
Zener Voltage
1)
Impedance
Impedance
Current
Number
VZ (V)
ZZ(Ω)
ZZK(Ω)IR(μA)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
Suffix
AB
15.37
17.09
AB1
15.37
16.01
AB2
15.85
16.51
AB3
16.35
17.09
AB
16.94
19.03
AB1
16.94
17.70
AB2
17.56
18.53
AB3
18.21
19.03
AB
18.86
21.08
AB1
18.86
19.70
AB2
19.52
20.39
AB3
20.21
21.08
AB
20.88
23.17
AB1
20.88
21.77
AB2
21.54
22.47
AB3
22.23
23.17
AB
22.93
25.57
AB1
22.93
23.96
AB2
23.72
24.78
AB3
24.54
25.57
AB
25.20
28.61
AB1
25.20
26.50
AB2
26.19
27.53
AB3
27.21
28.61
AB
28.22
31.74
AB1
28.22
29.66
AB2
29.19
30.69
AB3
30.20
31.74
AB
32.18
34.83
AB1
32.18
32.78
AB2
32.15
33.79
AB3
33.13
34.83
AB
34.12
37.91
AB1
34.12
35.86
AB2
35.07
36.87
AB3
36.07
37.91
AB
37.04
40.99
AB1
37.04
38.94
AB2
38.00
39.94
AB3
38.99
40.99
Notes:
(1) tested with pulse (40 ms).
(2) ZZ and ZZK are measured at IZ by given a very small A.C. current signal.
(3) Suffix AB is suffix AB1, AB2 or suffix AB3.
Page 3 of 3
Rev. 03 : December 3, 2008
5
360
300
5
30
5
360
0.5
0.1
300
527
0.5
0.1
25
0.1
0.5
5
250
5
250
5
200
5
200
0.5
0.1
23
0.5
0.1
21
5
150
5
150
5
120
5
120
0.5
0.1
19
0.5
0.1
17
5
100
5
100
5
85
5
100
0.1
15
0.5
0.1
13
65
5
80
0.5
0.1
12
0.5
50
5
80
RD36JS
RD18JS
RD20JS
RD22JS
RD39JS
RD24JS
RD27JS
RD30JS
RD33JS
5
5
RD16JS
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com