Electronic Components Datasheet Search
  English  ▼

X  

RD16JS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RD16JS
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD16JS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RD16JS Datasheet HTML 1Page - EIC discrete Semiconductors RD16JS Datasheet HTML 2Page - EIC discrete Semiconductors RD16JS Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RD4.7JS ~ RD39JS
SILICON ZENER DIODES
VZ : 4.7 - 39 Volts
PD : 400 mW
FEATURES :
* Complete 4.7 to 39 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
Case: DO-34 Glass Case
Weight: approx. 0.13g
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Power Dissipation
PD
400
mW
Forward Current
IF
150
mA
Junction Temperature Range
Tj
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Page 1 of 3
Rev. 03 : December 3, 2008
700
100
200
300
400
500
600
0
0
25
50
75
100
125
150
175 200
Ambient Temperture, Ta (
°C)
Derating Curve
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - RD16JS

ManufacturerPart #DatasheetDescription
logo
NEC
RD16JS NEC-RD16JS Datasheet
44Kb / 8P
DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
EIC discrete Semiconduc...
RD16JSAB EIC-RD16JSAB Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD16JSAB1 EIC-RD16JSAB1 Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD16JSAB2 EIC-RD16JSAB2 Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD16JSAB3 EIC-RD16JSAB3 Datasheet
39Kb / 3P
SILICON ZENER DIODES
More results

Similar Description - RD16JS

ManufacturerPart #DatasheetDescription
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
SILICON ZENER DIODES
RD4.7JS EIC-RD4.7JS Datasheet
39Kb / 3P
SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
EIC discrete Semiconduc...
MZ55B3V0 EIC-MZ55B3V0 Datasheet
156Kb / 2P
SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com