Electronic Components Datasheet Search
  English  ▼

X  

ABR802 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # ABR802
Description  AVALANCHE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ABR802 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  ABR802 Datasheet HTML 1Page - EIC discrete Semiconductors ABR802 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABR800 - ABR810
AVALANCHE BRIDGE
RECTIFIERS
PRV : 50 - 1000 Volts
Io : 8.0 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* ldeal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per
MIL - STD 202 , Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 6.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
ABR
800
ABR
801
ABR
802
ABR
804
ABR
806
ABR
808
ABR
810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Minimum Avalanche Breakdown Voltage at 100
µA
VBO(min.)
100
150
250
450
700
900
1100
V
Maximum Avalanche Breakdown Voltage at 100
µA
VBO(max.)
550
600
700
900
1150
1350
1550
V
Maximum Average Forward Current Tc = 50
°C
IF(AV)
8.0
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Rating for fusing at ( t < 8.3 ms. )
I
2
t
160
A
2S
Maximum Forward Voltage per Diode at IF = 4.0 A
VF
1.0
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
10.0
mA
Typical Thermal Resistance
( Note 1 )
R
θJC
2.5
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Note :
1 ) Thermal resistance from Junction to case with units mounted on a 3.2" x 3.2" x 0.12" ( 8.2 x 8.2 x 0.3 cm ) Al. plate. heatsink.
Page 1 of 2
Rev. 02 :March 24, 2005
RATING
IFSM
300
A
0.27 (6.9)
0.23 (5.8)
AC
AC
Dimensions in inches and ( millimeters )
BR6
0.62 (15.75)
0.58 (14.73)
0.127 (3.20)
0.047 (1.20)
0.445 (11.30)
0.405 (10.30)
0.158 (4.00)
0.142 (3.60)
0.042 (1.06)
0.038 (0.96)
0.75 (19.1)
Min.


Similar Part No. - ABR802

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR802 EIC-ABR802 Datasheet
18Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
More results

Similar Description - ABR802

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR1000 EIC-ABR1000 Datasheet
31Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
AKBP200 EIC-AKBP200 Datasheet
19Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR2500W EIC-ABR2500W Datasheet
43Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR3500W EIC-ABR3500W Datasheet
41Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR5000W EIC-ABR5000W Datasheet
41Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
logo
Semikron International
SKBAB500C1500 SEMIKRON-SKBAB500C1500 Datasheet
279Kb / 3P
Avalanche Bridge Rectifiers
logo
EIC discrete Semiconduc...
AKBLP200 EIC-AKBLP200 Datasheet
103Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR5000 EIC-ABR5000_05 Datasheet
66Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR2500 EIC-ABR2500_V01 Datasheet
80Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
AKBP200 EIC-AKBP200_V01 Datasheet
140Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
Rev. 03 : June 12, 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com