Electronic Components Datasheet Search
  English  ▼

X  

USB-6218 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # USB-6218
Description  This document provides information about the dimensions, mounting options, connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6218 Datasheet(HTML) 8 Page - National Instruments Corporation

Back Button USB-6218 Datasheet HTML 4Page - National Instruments Corporation USB-6218 Datasheet HTML 5Page - National Instruments Corporation USB-6218 Datasheet HTML 6Page - National Instruments Corporation USB-6218 Datasheet HTML 7Page - National Instruments Corporation USB-6218 Datasheet HTML 8Page - National Instruments Corporation USB-6218 Datasheet HTML 9Page - National Instruments Corporation USB-6218 Datasheet HTML 10Page - National Instruments Corporation USB-6218 Datasheet HTML 11Page - National Instruments Corporation USB-6218 Datasheet HTML 12Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NI USB-621x OEM User Guide
8
ni.com
Device Components
Table 1 contains information about the components used for interfacing
and interacting with the USB-621x OEM device.
Modifying the USB Device Name in Microsoft Windows
You can change how the USB-621x OEM device name appears when users
install the device in both the Found New Hardware Wizard that appears
when the device is initially installed and in the Windows Device Manager.
Windows Vista/XP Users
Figure 9 depicts how a USB-6211 (OEM) device name appears in the
Found New Hardware Wizard and Windows Device Manager.
Table 1. USB-621x OEM Components
Component
Reference
Designator(s)
on PCB
Manufacturer
Manufacturer
Part Number
50-pin connector
J6*, J7
3M
N2550-6002UB
USB connector
J5
AMP
787780-1
50-pin board mount socket†
—
3M
8550-4500PL (or equivalent)
Mounting standoff,
using board mount socket
—
RAF Electronic
Hardware
M1261-3005-SS‡
with M3
× 0.5 screw
Mounting standoff,
using ribbon cable
—
RAF Electronic
Hardware
2053-440-SS**
with 4-40 screw
* J6 is available on USB-6212/6216/6218 OEM devices only.
† You can use either one or both 50-pin connectors to board mount the USB-6212/6216/6218 OEM device.
‡ 3/16 in. HEX female-to-female, 14 mm long.
** 3/16 in. HEX female-to-female, 1/4 in. long.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com