| Electronic Components Datasheet Search |
|
6702PXH Datasheet(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6702PXH Datasheet(HTML) 49 Page - Intel Corporation |
|
49 / 214 page ![]() Intel® 6702PXH 64-bit PCI Hub Datasheet 49 Signal Description 2.13.5 Parallel Mode Operation In parallel mode, the Intel® 6702PXH 64-bit PCI Hub provides 6 slot control outputs and 8 slot control inputs for each of the two slots it can control. The Intel® 6702PXH 64-bit PCI Hub operates in this mode if the number of hot plug slots implemented is either 1 or 2, as programmed into the slot configuration register. If the number of slots is set to 1, then the Intel® 6702PXH 64-bit PCI Hub ignores the second port. Platforms must tie this port to its benign value. Refer to Table 2-27 for how the parallel hot plug mode pins are reused (muxed) with other Intel® 6702PXH 64-bit PCI Hub pins. Table 2-27. Muxed Hot Plug Mode Signals Parallel Mode Signal Type Multiplexed With Bus A HAATNLED_1# O HAATNLED_1# HAATNLED_2# O HPA_SOLR HABUSEN_1# O PAGNT_[5]# HABUSEN_2# O PAGNT_[4]# HABUTTON_1# I PAIRQ_[8]# HABUTTON_2# I HPA_SOL HACLKEN_1# O HPA_SIL# HACLKEN_2# O HPA_SOD HAM66EN_1 I PAIRQ_[11]# HAM66EN_2 I PAIRQ_[12]# HAMRL_1# I PAIRQ_[15]# HAMRL_2# I HPA_SLOT[0] HAPCIXCAP1_1 I PAIRQ_[10]# HAPCIXCAP1_2 I HPA_SID HAPCIXCAP2_1 I PAIRQ_[9]# HAPCIXCAP2_2 I HPA_SOC HAPRSNT1_1# I HPA_SLOT[1] HAPRSNT1_2# I PAREQ_[5]# HAPRSNT2_1# I PAREQ_[3]# HAPRSNT2_2# I PAREQ_[4]# HAPWREN_1 O HAPWREN_1 HAPWREN_2 O PAGNT_[3]# HAPWRFLT_1# I PAIRQ_[14]# HAPWRFLT_2# I PAIRQ_[13]# HAPWRLED_1# O HPA_SLOT[3] HAPWRLED_2# O HPA_SIC HARST_1# O HPA_PRST# HARST_2# O HPA_RST2# |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |