Electronic Components Datasheet Search
  English  ▼

X  

USB-628X Datasheet(PDF) 12 Page - National Instruments Corporation

Part # USB-628X
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-628X Datasheet(HTML) 12 Page - National Instruments Corporation

Back Button USB-628X Datasheet HTML 8Page - National Instruments Corporation USB-628X Datasheet HTML 9Page - National Instruments Corporation USB-628X Datasheet HTML 10Page - National Instruments Corporation USB-628X Datasheet HTML 11Page - National Instruments Corporation USB-628X Datasheet HTML 12Page - National Instruments Corporation USB-628X Datasheet HTML 13Page - National Instruments Corporation USB-628X Datasheet HTML 14Page - National Instruments Corporation USB-628X Datasheet HTML 15Page - National Instruments Corporation USB-628X Datasheet HTML 16Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
NI USB-622x/625x/628x OEM User Guide
12
ni.com
Attaching External LEDs
USB-622x/625x/628x OEM devices have two LEDs that reflect the device
state. The green READY LED indicates when the device is powered on and
configured as a USB device. The yellow ACTIVE LED indicates USB bus
activity.
Three connectors on the device allow you to connect an external LED
circuit to the device, as shown in Figure 10. To connect an external READY
LED, use E1 as the positive connection (+3.3 V) and E2 as the negative
connection. To connect an external ACTIVE LED, use E1 as the positive
connection and E3 as the negative connection. E1 is current limited with
a 100
Ω resistor to the 3.3 V internal supply. This configuration limits
the current to approximately 16 mA into a single external LED or
approximately 8 mA each when both LEDs are lit. You also can limit this
current further by using external resistors, also shown in Figure 10.
Figure 10. Schematic for External LED Circuits
E1
External
READY
LED
External
ACTIVE
LED
E2
E3
100
Ω
3.3 V
OEM (On-Board)
E1
E2
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com