Electronic Components Datasheet Search
  English  ▼

X  

M48T59-70PC1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T59-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1 Datasheet(HTML) 5 Page - STMicroelectronics

  M48T59-70PC1 Datasheet HTML 1Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 2Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 3Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 4Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 5Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 6Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 7Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 8Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Description
5/32
1
Description
The M48T59/Y/V TIMEKEEPER® RAM is an 8 Kb x 8 non-volatile static RAM and real-time
clock. The monolithic chip is available in two special packages to provide a highly integrated
battery backed-up memory and real-time clock solution.
The M48T59/Y/V is a non-volatile pin and function equivalent to any JEDEC standard 8 Kb
x8 SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing the
non-volatility of PROMs without any requirement for special write timing or limitations on the
number of writes that can be performed.
The 28-pin, 600 mil DIP CAPHAT™ houses the M48T59/Y/V silicon with a quartz crystal
and a long life lithium button cell in a single package.
The 28-pin, 330 mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The
unique design allows the SNAPHAT battery package to be mounted on top of the SOIC
package after the completion of the surface mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery and crystal damage due to the high
temperatures required for device surface-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion.
The SOIC and battery/crystal packages are shipped separately in plastic anti-static tubes or
in Tape & Reel form. For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT)
part number is “M4T28-BR12SH1” or “M4T32-BR12SHx” (see Table 19 on page 30).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam, as this will drain the
lithium button-cell battery.
Figure 1.
Logic diagram
AI01380E
13
A0-A12
W
DQ0-DQ7
VCC
M48T59
M48T59Y
M48T59V
G
VSS
8
E
RST
IRQ/FT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com