Electronic Components Datasheet Search
  English  ▼

X  

2N6036 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N6036
Description  Complementary power Darlington transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6036 Datasheet(HTML) 3 Page - STMicroelectronics

  2N6036 Datasheet HTML 1Page - STMicroelectronics 2N6036 Datasheet HTML 2Page - STMicroelectronics 2N6036 Datasheet HTML 3Page - STMicroelectronics 2N6036 Datasheet HTML 4Page - STMicroelectronics 2N6036 Datasheet HTML 5Page - STMicroelectronics 2N6036 Datasheet HTML 6Page - STMicroelectronics 2N6036 Datasheet HTML 7Page - STMicroelectronics 2N6036 Datasheet HTML 8Page - STMicroelectronics 2N6036 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2N6036, 2N6039
Electrical characteristics
Doc ID 5064 Rev 5
3/10
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Note:
For PNP types voltage and current values are negative.
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE = -1.5 V)
VCE = 80 V
VCE = 80 V, Tc = 125 °C
-
0.1
0.5
mA
mA
ICBO
Collector cut-off current
(IE = 0)
VCB = 80 V
-
0.1
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 80 V
-
0.1
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
-
2
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 µs, duty cycle 1.5%.
Collector-emitter
sustaining voltage
IC = 100 mA
80
-
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 2 A
IB = 8 mA
-
2
V
IC = 4 A
IB = 40 mA
-
3
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 4 A
IB = 40 mA
-
4
V
VBE(on)
Base-emitter on voltage
IC = 2 A
VCE = 3 V
-
2.8
V
hFE
(1)
DC current gain
IC = 0.5 A_ _ VCE = 3 V
500
-
IC = 2 A_
VCE = 3 V
750
-
15000
IC = 4 A_ _
VCE = 3 V
100
-
hfe
Small signal current gain
IC = 0.75 A_
VCE = 10 V
f = 1 MHz
25
-
CCBO
Collector base capacitance
(IE = 0)
VCB = 10 V
f = 0.1 MHz
for 2N6036
for 2N6039
-
100
200
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com