Electronic Components Datasheet Search
  English  ▼

X  

SLR-325VC Datasheet(PDF) 1 Page - Rohm

Part # SLR-325VC
Description  Viewing angle 2 1/2 : 40 Lead pitch 5mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-325VC Datasheet(HTML) 1 Page - Rohm

  SLR-325VC Datasheet HTML 1Page - Rohm SLR-325VC Datasheet HTML 2Page - Rohm SLR-325VC Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
□0.4
φ3.2
Cathode
(5.0)
φ6.0
2.5 or 5.0
2.0
1.0 ±0.1
Tolerance :
±0.2
(unit : mm)(unit : mm)
Viewing angle 2
θ 1/2 /
40 : Standard
*1:Duty1/5, 200Hz
*SLR-325 series are only available as straight lead types
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Directivity (deg)
RELATIVE INTENSITY (%)
Diffused
Clear
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
■
SLR-325VC
GaAsP
on GaP
Red
60
20
60※
3
-25 to +85
-30 to +100
2
10
10
3
630
10
5.6
16
10
■
SLR-325DC
Orange
605
■
SLR-325YC
Yellow
2.1
587
■
SLR-325MC
GaP
Yellowish
Green
75
25
572
9
25
■
SLR-325VR
GaAsP
on GaP
Red
60
20
2
630
3.6
10
■
SLR-325DU
Orange
605
■
SLR-325YY
Yellow
2.1
587
2.2
6.3
■
SLR-325MG
GaP
Yellowish
Green
75
25
572
5.6
16
Features
・Viewing angle 2θ 1/2 : 40°
・Lead pitch 5mm
Color
Type
V
D
Y
M
SLR-325 Series
1/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.06 - Rev.A


Similar Part No. - SLR-325VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
More results

Similar Description - SLR-325VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
Viewing angle 2 1/2 : 40 Series
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
Viewing angle 2 1/2 85
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com