Electronic Components Datasheet Search
  English  ▼

X  

ZMY20C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZMY20C
Description  ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMY20C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZMY20C Datasheet HTML 1Page - EIC discrete Semiconductors ZMY20C Datasheet HTML 2Page - EIC discrete Semiconductors ZMY20C Datasheet HTML 3Page - EIC discrete Semiconductors ZMY20C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
(1)
Dynamic
Temp. Coeff. Of
Test
Reverse Voltage
Asmissible
at IZT
Resistance at
Zener Voltage at IZT
Current
at IR =0.5μA
Zener Current
(2)
IZT , f = 1kHz
α
VZ (10
-4/
°C)
IZT
VR
IZ
min.
max.
rzj (
Ω)
min.
max.
(mA)
VR (V)
(mA)
ZMY3.9C
3.82
3.97
4(<7)
-7
2
100
-
203
ZMY4.3C
4.21
4.38
4(<7)
-7
3
100
-
182
ZMY4.7C
4.60
4.79
4(<7)
-7
4
100
-
165
ZMY5.1C
4.99
52.02
2(<5)
-6
5
100
>0.7
150
ZMY5.6C
5.48
5.71
1(<2)
-3
5
100
>1.5
135
ZMY6.2C
6.07
6.32
1(<2)
-1
6
100
>2.0
128
ZMY6.8C
6.66
6.93
1(<2)
0
7
100
>3.0
110
ZMY7.5C
7.35
7.65
1(<2)
0
7
100
>5.0
100
ZMY8.2C
8.03
8.36
1(<2)
3
8
100
>6.0
89
ZMY9.1C
8.91
9.28
2(<4)
3
8
50
>7.0
82
ZMY10C
9.80
10.20
2(<4)
5
9
50
>7.5
74
ZMY11C
10.78
1.22
3(<7)
5
10
50
>8.5
66
ZMY12C
11.76
12.24
3(<7)
5
10
50
>9.0
60
ZMY13C
12.74
13.26
4(<9)
5
10
50
>10
55
ZMY15C
14.70
15.30
4(<9)
5
10
50
>11
49
ZMY16C
15.68
16.32
5(<10)
7
11
25
>12
44
ZMY18C
17.64
18.36
5(<11)
7
11
25
>14
40
ZMY20C
19.60
20.40
6(<12)
7
11
25
>15
36
ZMY22C
21.56
22.44
7(<13)
7
11
25
>17
34
ZMY24C
23.52
24.48
8(<14)
7
12
25
>18
29
ZMY27C
26.46
27.54
9(<15)
7
12
25
>20
27
ZMY30C
29.40
30.60
10(<20)
7
12
25
>22.5
25
ZMY33C
32.34
33.66
11(<20)
7
12
25
>25
22
ZMY36C
35.28
36.72
25(<60)
7
12
10
>27
20
ZMY39C
38.22
39.78
30(<60)
8
12
10
>29
18
ZMY43C
42.14
43.86
35(<80)
8
13
10
>32
17
ZMY47C
46.06
47.94
40(<80)
8
13
10
>35
15
ZMY51C
49.98
52.02
45(<100)
8
13
10
>38
14
ZMY56C
54.08
57.12
50(<100)
8
13
10
>42
13
ZMY62C
60.76
63.24
60(<130)
8
13
10
>47
11
ZMY68C
66.64
69.36
65(<130)
8
13
10
>51
10
ZMY75C
73.50
76.50
70(<160)
8
13
10
>56
9
ZMY82C
80.36
83.64
80(<160)
8
13
10
>61
8
ZMY91C
89.18
92.82
120(<250)
9
13
5
>68
7.5
ZMY100C
98.00
102.00
130(<250)
9
13
5
>75
7
Notes:
(1) Tested with pulses tp = 5ms
(2) Standard Zener voltage tolerance is± 2% tolerance.
Page 2 of 4
Rev. 03 : May 3, 2005
Type
Vz (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com