Electronic Components Datasheet Search
  English  ▼

X  

SF67 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SF67
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF67 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SF67 Datasheet HTML 1Page - EIC discrete Semiconductors SF67 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF61 - SF69
SUPER FAST
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 6.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast recovery time
* Pb / RoHS Free
MECHANICAL DATA :
* Case : molded plastic body
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SF61
SF62
SF63
SF64
SF65
SF66
SF67
SF68
SF69
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 6.0 A.
VF
0.95
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 04 : March 25, 2005
1.7
4.0
RATING
IFSM
150
A
A
IF(AV)
6.0
0.360 (9.1)
0.340 (8.6)
D6
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - SF67

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF67 FORMOSA-SF67 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF67 TSC-SF67 Datasheet
70Kb / 2P
6.0 AMPS. Super Fast Rectifiers
SF67 TSC-SF67 Datasheet
254Kb / 2P
6.0 AMPS. Super Fast Rectifiers
logo
DAESAN ELECTRONIC CORP.
SF67 DAESAN-SF67 Datasheet
301Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 600 Volts
logo
Yangzhou yangjie electr...
SF67 YANGJIE-SF67 Datasheet
779Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF67

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SF21 EIC-SF21 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SFO1 EIC-SFO1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com