Electronic Components Datasheet Search
  English  ▼

X  

ADN2526 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2526
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2526 Datasheet HTML 8Page - Analog Devices ADN2526 Datasheet HTML 9Page - Analog Devices ADN2526 Datasheet HTML 10Page - Analog Devices ADN2526 Datasheet HTML 11Page - Analog Devices ADN2526 Datasheet HTML 12Page - Analog Devices ADN2526 Datasheet HTML 13Page - Analog Devices ADN2526 Datasheet HTML 14Page - Analog Devices ADN2526 Datasheet HTML 15Page - Analog Devices ADN2526 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADN2526
Rev. A | Page 13 of 16
CROSSPOINT ADJUSTMENT
The optical eye cross point is adjustable between 35% and 65%
using the cross point adjust (CPA) control input. The equivalent
circuit for the CPA pin is shown in Figure 31. In a default CPA
setting, leave CPA unconnected (maintain pin-to-pin compatibil-
ity with the ADN2525). The internal bias circuit presents about
1.9 V at the CPA pin and the eye cross point is set to 50%. To set
the cross point at various points, apply an external voltage to the
CPA pin.
7kΩ
7kΩ
7kΩ
VCC
CPA
Figure 31. Equivalent Circuit for CPA Pin
POWER SEQUENCE
To ensure reliable operation, the recommended power-up
sequence is: the supply rail to ADN2526 first, then the BSET
pin, followed by the MSET pin, and, finally, the CPA pin.
To turn off the ADN2526, the operation is reversed: shut down
CPA first, then MSET, followed by BSET, and, last, the supply rail.
POWER CONSUMPTION
The power dissipated by the ADN2526 is given by
IBIAS
V
I
V
VCC
P
IBIAS
SUPPLY
MSET
×
+
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
13.5
where:
VCC is the power supply voltage.
VMSET is the voltage applied to the MSET pin.
ISUPPLY is the sum of the currents that flow into VCC, IMODP,
and IMODN, which are sank by the ADN2526 when VBSET =
VMSET = 0 V, expressed in amps (see Table 1).
VIBIAS is the average voltage presented on the IBIAS pin.
IBIAS is the bias current sank by the ADN2526.
Considering VBSET/IBIAS = 10 mV/mA as the conversion factor
from VBSET to IBIAS, the dissipated power becomes
IBIAS
BSET
SUPPLY
MSET
V
V
I
V
VCC
P
×
+
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
10
5
.
13
To ensure long-term reliable operation, the junction tempera-
ture of the ADN2526 must not exceed 125°C, as specified in
Table 2. For improved heat dissipation, the SFP+ module case
can work as a heat sink, as shown in Figure 32. A compact
optical module is a complex thermal environment, and
calculations of device junction temperature using the package
junction-to-ambient thermal resistance (θJA) do not yield
accurate results.
TTOP
TJ
TPAD
DIE
PACKAGE
THERMAL COMPOUND
MODULE CASE
PCB
VIAS
COPPER PLANE
THERMOCOUPLE
Figure 32. Typical Optical Module Structure
The parameters in Table 6 can be used to estimate the IC
junction temperature.
Table 6. Definitions
Parameter
Description
Unit
TTOP
Temperature at the top of the package
°C
TPAD
Temperature at the package exposed paddle
°C
TJ
IC junction temperature
°C
P
Power dissipation
W
θJ-TOP
Thermal resistance from the IC junction to
the package top
°C/W
θJ-PAD
Thermal resistance from the IC junction to
the package exposed paddle
°C/W
TTOP and TPAD can be determined by measuring the temperature
at points inside the module, as shown in Figure 32. The thermo-
couples should be positioned to obtain an accurate measurement
of the package top and paddle temperatures. Using the model
shown in Figure 33, the junction temperature can be calculated by
TJ =
(
)
TOP
J
PAD
J
TOP
J
PAD
PAD
J
TOP
TOP
J
PAD
J
T
T
P
−
−
−
−
−
−
+
×
+
×
+
×
×
θ
θ
θ
θ
θ
θ
where:
θJ-TOP and θJ-PAD are given in Table 2.
P is the power dissipated by the ADN2526.
P
θJ-TOP
TPAD
TTOP
TTOP
θJ-PAD
Figure 33. Electrical Model for Thermal Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com