Electronic Components Datasheet Search
  English  ▼

X  

AUIPS2051L Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS2051L
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2051L Datasheet(HTML) 4 Page - International Rectifier

  AUIPS2051L Datasheet HTML 1Page - International Rectifier AUIPS2051L Datasheet HTML 2Page - International Rectifier AUIPS2051L Datasheet HTML 3Page - International Rectifier AUIPS2051L Datasheet HTML 4Page - International Rectifier AUIPS2051L Datasheet HTML 5Page - International Rectifier AUIPS2051L Datasheet HTML 6Page - International Rectifier AUIPS2051L Datasheet HTML 7Page - International Rectifier AUIPS2051L Datasheet HTML 8Page - International Rectifier AUIPS2051L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AUIPS2051L/AUIPS2052G
Static Electrical Characteristics
Tj=-40..150°C, Vcc=28V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
⎯
250
300
Rds(on)
ON state resistance Tj=150°C(2)
⎯
440
520
m
Ω
Vin=5V, Ids=1A
Idss1
Drain to source leakage current
⎯
0.2
1
Vcc=28V, Tj=25°C
Idss2
Drain to source leakage current
⎯
0.5
2
µA
Vcc=50V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
63
69
⎯
Id=20mA See fig. 3 & 4
V clamp2
Drain to source clamp voltage 2
⎯
70
75
Id=150mA
Vin clamp
IN to source pin clamp voltage
5.5
6.2
7.5
Iin=1mA
Vth
Input threshold voltage
1.1
2
2.7
V
Id=50mA
Iin, on
ON state IN positive current
15
40
80
Iin, off
OFF state IN positive current
( after protection latched )
150
250
350
µA
Vin=5V
Switching Electrical Characteristics
Vcc=28V, Resistive load=50
Ω, Rinput=50Ω, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
0.1
1
3
Tr
Rise time 20% to 80%
0.1
0.3
2.5
Tdoff
Turn-off delay time to 80%
1
1.8
3.5
Tf
Fall time 80% to 20%
0.1
0.5
2.5
µs
See figure 2
Eon + Eoff
Turn on and off energy
⎯
5
⎯
µJ
Protection Characteristics
Tj=-40..150°C, Vcc=28V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
⎯
°C
See figure 1
Isd
Over current threshold
1.2
1.8
3
A
See figure 1
Vreset
IN protection reset threshold
1.1
1.6
2
V
Treset
Time to reset protection
15(2)
50
500
µs
Vin=0V, Tj=25°C
(2) Guaranteed by design
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com