Electronic Components Datasheet Search
  English  ▼

X  

NIPCI-6552 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-6552
Description  100 MHz Logic Analyzer/Digital Pattern Generators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6552 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-6552 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6552 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6552 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pattern Generator
On a per-channel basis, you can programmatically configure channels to
drive data to your DUT through the same flying-lead cable. You can use
any set of channels for pattern generation at the same time you use
another set of channels to acquire data. NI 6552 bundles are capable of
switching between generation and analysis on a per-cycle basis. The
digital instruments have 32 MB of onboard memory for the acquired data
and a separate 32 MB of memory to store complex patterns for generation.
The NI Digital Waveform Editor provides an interactive tool for creating,
editing, and importing digital patterns. Once created, a pattern can be
configured to be output to your DUT with a single step in NI SignalExpress.
Data Analysis and Logging
The PC-based implementation means that, unlike traditional logic analyzers,
the full power of the computer is readily available to perform complex
analysis, data logging, and report generation. With SignalExpress, you can
easily export the captured data to file and save images of the captured
waveforms for easy report generation. Using National Instruments
LabVIEW, you can create custom analysis steps to plug into SignalExpress
to best match application needs.
Stimulus Response
The generation and acquisition capabilities of these instruments make
them ideal for stimulus-response applications. NI 6542 bundles can drive
data on one set of channels while simultaneously analyzing the response
data on the remaining channels. NI 6552 bundles offer more advanced
features, including per-cycle tristate and real-time hardware comparison.
With per-cycle tristate, you can switch from analyzing data to generating
data on a per-channel, per-clock-cycle basis. Real-time hardware
comparison checks the acquired data against the known expected
response for errors at the full clock rate of the digital instrument.
External Control
The digital waveform generator/analyzers included in the NI 6542 and
NI 6552 bundles offer a number of options for controlling the generation
and acquisition capabilities with external signals. Along with the ability to
import a sample clock or export the internal clock, four general-purpose
I/O lines are available for receiving external triggers or for generating
events, such as the Data Active Event, for handshaking with the DUT.
Using triggers and the linking and looping (scripting) features of the
board, you can dynamically control the waveforms generated and the
length of generation.
Mixed-Signal System in SignalExpress
SignalExpress not only includes digital analysis, acquisition, and
generation capabilities, but it also provides a range of instrument control
options for integrating other PCI, PXI, or stand-alone instruments into
a single system. You can program the complete system using the
interactive steps in SignalExpress. The shared architecture between the
digital instruments and many of the NI digitizers and arbitrary waveform
generators makes it easy to create a synchronized mixed-signal system.
100 MHz Logic Analyzer/Digital Pattern Generators
2
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Ordering Information
NI PCI-6542 Bundle ..............................................................779635-01
NI PCI-6552 Bundle ..............................................................779637-01
NI PXI-6542 Bundle ..............................................................779634-01
NI PXI-6552 Bundle ..............................................................779636-01
Cable
SHC68-C68-D2 shielded cable ..............................................188142-01
Other Accessories
CB-2162 connector block and prototyping board..................778592-01
SMB-2163 breakout accessory ............................................778747-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S.) or go to ni.com/digitalio.
NI SignalExpress Comparing Digital Waveforms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com