Electronic Components Datasheet Search
  English  ▼

X  

BA2903FVM Datasheet(PDF) 16 Page - Rohm

Part # BA2903FVM
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 16 Page - Rohm

Back Button BA2903FVM Datasheet HTML 12Page - Rohm BA2903FVM Datasheet HTML 13Page - Rohm BA2903FVM Datasheet HTML 14Page - Rohm BA2903FVM Datasheet HTML 15Page - Rohm BA2903FVM Datasheet HTML 16Page - Rohm BA2903FVM Datasheet HTML 17Page - Rohm BA2903FVM Datasheet HTML 18Page - Rohm BA2903FVM Datasheet HTML 19Page - Rohm BA2903FVM Datasheet HTML 20Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
16/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Derating curves
Power dissipation(total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature).IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature.The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal resistance
of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum value in the
storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead frame of the
package. The parameter which indicatesthis heat dissipation capability(hardness of heat release)is called thermal resistance,
represented by the symbol
θja[℃/W].The temperature of IC inside the package can be estimated by this thermal resistance.
Fig.91(a) shows the model of thermal resistance of the package. Thermal resistance
θja, ambient temperature Ta, junction
temperature Tj, and power dissipation Pd can be calculated by the equation below:
θja = (Tj-Ta) / Pd
[℃/W]
・・・・・
(Ⅰ)
Derating curve in Fig.91(b) indicates power that can be consumed by IC with reference to ambient temperature. Power that can
be consumed by IC begins to attenuate at certain ambient temperature. This gradient iis determined by thermal resistance
θja.
Thermal resistance
θja depends on chip size, power consumption, package,ambient temperature, package condition, wind
velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value measured at a
specified condition. Fig.92(a)~(d) show a derating curve for an example of BA10393, BA10339, BA2903S, BA2903,
BA2903HFVM-C,BA2901S, BA2901.
(*5)
(*6)
(*7)
(*8)
(*9)
(*10)
(*11)
(*12)
(*13)
Unit
6.2
7.0
4.9
6.2
5.5
4.7
7.0
5.3
4.9
[mW/℃]
When using the unit above Ta=25[℃], subtract the value above per degree[℃]. Permissible dissipation is the value
when glass epoxy board 70[mm]×70[mm]×1.6[mm](cooper foil area below 3[%]) is mounted.
Fig.92
Derating curve
(a) Thermal resistance
(b) Derating curve
Fig.91
Thermal resistance and derating curve
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSI
の消費電力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Power dissipation of LSI
Ambient temperature
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
θja = ( Tj ーTa ) / Pd [℃/W]
Chip surface temperature
Power dissipation
Ambient temperature
0
200
400
600
800
1000
0
25
50
75
100
125
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta  [°C]
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度 Ta  [°C]
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度 Ta  [°C]
(a)BA10393 family
(b)BA10339 family
(c)BA2903 family
(d)BA2901 family
620mW(
★5)
700mW(
★6)
490mW(
★7)
780mW(
★8)
690mW(
★9)
590mW(
★10)
870mW(
★11)
660mW(
★12)
610mW(
★13)
BA10393F
BA10339FV
BA10339F
BA2903FV
BA2903FVM
BA2903HFVM-C
BA2901FV
BA2901F
BA2903SFV
BA2903SF
BA2903SFVM
BA2901SFV
BA2901SKN
BA2901SF
105
105
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com