Electronic Components Datasheet Search
  English  ▼

X  

560 Datasheet(PDF) 87 Page - Intel Corporation

Part # 560
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

560 Datasheet(HTML) 87 Page - Intel Corporation

Back Button 560 Datasheet HTML 83Page - Intel Corporation 560 Datasheet HTML 84Page - Intel Corporation 560 Datasheet HTML 85Page - Intel Corporation 560 Datasheet HTML 86Page - Intel Corporation 560 Datasheet HTML 87Page - Intel Corporation 560 Datasheet HTML 88Page - Intel Corporation 560 Datasheet HTML 89Page - Intel Corporation 560 Datasheet HTML 90Page - Intel Corporation 560 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
Datasheet
87
Features
6.2.3
Stop-Grant State
When the STPCLK# signal is asserted, the Stop-Grant state of the processor is entered 20 bus
clocks after the response phase of the processor-issued Stop Grant Acknowledge special bus cycle.
Since the GTL+ signals receive power from the FSB, these signals should not be driven (allowing
the level to return to V
TT) for minimum power drawn by the termination resistors in this state. In
addition, all other input signals on the FSB should be driven to the inactive state.
BINIT# will not be serviced while the processor is in Stop-Grant state. The event will be latched
and can be serviced by software upon exit from the Stop Grant state.
RESET# will cause the processor to immediately initialize itself, but the processor will stay in
Stop-Grant state. A transition back to the Normal state will occur with the de-assertion of the
STPCLK# signal.
A transition to the HALT/Grant Snoop state will occur when the processor detects a snoop on the
FSB (see Section 6.2.3).
While in the Stop-Grant State, SMI#, INIT#, BINIT# and LINT[1:0] will be latched by the
processor, and only serviced when the processor returns to the Normal State. Only one occurrence
of each event will be recognized upon return to the Normal state.
While in Stop-Grant state, the processor will process a FSB snoop.
Figure 6-1. Processor Low Power State Machine
Enhanced HALT or HALT State
BCLK running
Snoops and interrupts allowed
Normal State
Normal execution
HALT Snoop State
BCLK running
Service snoops to caches
Stop-Grant State
BCLK running
Snoops and interrupts allowed
Snoop
Event
Occurs
Snoop
Event
Serviced
INIT#, BINIT#, INTR, NMI, SMI#,
RESET#, FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop Event Occurs
Snoop Event Serviced
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
Grant Snoop State
BCLK running
Service snoops to caches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com