Electronic Components Datasheet Search
  English  ▼

X  

561 Datasheet(PDF) 70 Page - Intel Corporation

Part # 561
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

561 Datasheet(HTML) 70 Page - Intel Corporation

Back Button 561 Datasheet HTML 66Page - Intel Corporation 561 Datasheet HTML 67Page - Intel Corporation 561 Datasheet HTML 68Page - Intel Corporation 561 Datasheet HTML 69Page - Intel Corporation 561 Datasheet HTML 70Page - Intel Corporation 561 Datasheet HTML 71Page - Intel Corporation 561 Datasheet HTML 72Page - Intel Corporation 561 Datasheet HTML 73Page - Intel Corporation 561 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
70
Datasheet
Land Listing and Signal Descriptions
IGNNE#
Input
IGNNE# (Ignore Numeric Error) is asserted to force the processor to ignore a
numeric error and continue to execute noncontrol floating-point instructions. If
IGNNE# is de-asserted, the processor generates an exception on a noncontrol
floating-point instruction if a previous floating-point instruction caused an error.
IGNNE# has no effect when the NE bit in control register 0 (CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure recognition of this
signal following an Input/Output write instruction, it must be valid along with the
TRDY# assertion of the corresponding Input/Output Write bus transaction.
INIT#
Input
INIT# (Initialization), when asserted, resets integer registers inside the
processor without affecting its internal caches or floating-point registers. The
processor then begins execution at the power-on Reset vector configured
during power-on configuration. The processor continues to handle snoop
requests during INIT# assertion. INIT# is an asynchronous signal and must
connect the appropriate pins/lands of all processor FSB agents.
If INIT# is sampled active on the active to inactive transition of RESET#, then
the processor executes its Built-in Self-Test (BIST).
ITP_CLK[1:0]
Input
ITP_CLK[1:0] are copies of BCLK that are used only in processor systems
where no debug port is implemented on the system board. ITP_CLK[1:0] are
used as BCLK[1:0] references for a debug port implemented on an interposer. If
a debug port is implemented in the system, ITP_CLK[1:0] are no connects in
the system. These are not processor signals.
LINT[1:0]
Input
LINT[1:0] (Local APIC Interrupt) must connect the appropriate pins/lands of all
APIC Bus agents. When the APIC is disabled, the LINT0 signal becomes INTR,
a maskable interrupt request signal, and LINT1 becomes NMI, a nonmaskable
interrupt. INTR and NMI are backward compatible with the signals of those
names on the Pentium processor. Both signals are asynchronous.
Both of these signals must be software configured via BIOS programming of the
APIC register space to be used either as NMI/INTR or LINT[1:0]. Because the
APIC is enabled by default after Reset, operation of these signals as LINT[1:0]
is the default configuration.
LL_ID[1:0]
Output
The LL_ID[1:0] signals are used to select the correct loadline slope for the
processor. LL_ID[1:0] = 00 for the Pentium 4 processor in the 775-land
package.
LOCK#
Input/
Output
LOCK# indicates to the system that a transaction must occur atomically. This
signal must connect the appropriate pins/lands of all processor FSB agents. For
a locked sequence of transactions, LOCK# is asserted from the beginning of
the first transaction to the end of the last transaction.
When the priority agent asserts BPRI# to arbitrate for ownership of the
processor FSB, it will wait until it observes LOCK# de-asserted. This enables
symmetric agents to retain ownership of the processor FSB throughout the bus
locked operation and ensure the atomicity of lock.
MCERR#
Input/
Output
MCERR# (Machine Check Error) is asserted to indicate an unrecoverable error
without a bus protocol violation. It may be driven by all processor FSB agents.
MCERR# assertion conditions are configurable at a system level. Assertion
options are defined by the following options:
•
Enabled or disabled.
•
Asserted, if configured, for internal errors along with IERR#.
•
Asserted, if configured, by the request initiator of a bus transaction after it
observes an error.
•
Asserted by any bus agent when it observes an error in a bus transaction.
For more details regarding machine check architecture, refer to the IA-32
Software Developer’s Manual, Volume 3: System Programming Guide.
MSID[1:0]
Output
MSID[1:0] are provided to indicate the market segment for the processor and
may be used for future processor compatibility or for keying.
Table 4-3. Signal Description (Sheet 5 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com