Electronic Components Datasheet Search
  English  ▼

X  

551 Datasheet(PDF) 31 Page - Intel Corporation

Part # 551
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

551 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 551 Datasheet HTML 27Page - Intel Corporation 551 Datasheet HTML 28Page - Intel Corporation 551 Datasheet HTML 29Page - Intel Corporation 551 Datasheet HTML 30Page - Intel Corporation 551 Datasheet HTML 31Page - Intel Corporation 551 Datasheet HTML 32Page - Intel Corporation 551 Datasheet HTML 33Page - Intel Corporation 551 Datasheet HTML 34Page - Intel Corporation 551 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
Datasheet
31
Electrical Specifications
Table 2-11. GTL+ Asynchronous Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
VTT/2 – (0.10 * VTT)V
2, 3
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3.
LINT0/INTR and LINT1/NMI use GTLREF as a reference voltage. For these two signals VIH = GTLREF + (0.10 * VTT) and
VIL= GTLREF – (0.10 * VTT).
VIH
Input High Voltage
VTT/2 + (0.10 * VTT)VTT
V
3, 4, 5, 6
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5.
VIH and VOH may experience excursions above VTT. However, input signal drivers must comply with the signal quality spec-
ifications.
6.
The VTT referred to in these specifications refers to instantaneous VTT.
VOH
Output High Voltage
0.90*VTT
VTT
V
5, 6, 7
7.
All outputs are open drain.
IOL
Output Low Current
—
VTT/[(0.50*RTT_MIN) +
RON_MIN]
A
8
8.
The maximum output current is based on maximum current handling capability of the buffer and is not specified into the test
load.
ILI
Input Leakage Current
N/A
± 200
µA
9
9.
Leakage to VSS with land held at VTT.
ILO
Output Leakage Current
N/A
± 200
µA
10
10.
Leakage to VTT with land held at 300 mV.
RON
Buffer On Resistance
8
12
Ω
-
Table 2-12. GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
GTLREF – (0.10 * VTT)V
2, 3
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3.
The VTT referred to in these specifications is the instantaneous VTT.
VIH
Input High Voltage
GTLREF + (0.10 * VTT)VTT
V
3, 4
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
VOH
Output High Voltage
0.90*VTT
VTT
V
3
IOL
Output Low Current
N/A
VTT/[(0.50*RTT_MIN) +
RON_MIN]
A-
ILI
Input Leakage Current
N/A
± 200
µA
5
5.
Leakage to VSS with land held at VTT.
ILO
Output Leakage Current
N/A
± 200
µA
-
RON
Buffer On Resistance
8
12
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com