Electronic Components Datasheet Search
  English  ▼

X  

531 Datasheet(PDF) 17 Page - Intel Corporation

Part # 531
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

531 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 531 Datasheet HTML 13Page - Intel Corporation 531 Datasheet HTML 14Page - Intel Corporation 531 Datasheet HTML 15Page - Intel Corporation 531 Datasheet HTML 16Page - Intel Corporation 531 Datasheet HTML 17Page - Intel Corporation 531 Datasheet HTML 18Page - Intel Corporation 531 Datasheet HTML 19Page - Intel Corporation 531 Datasheet HTML 20Page - Intel Corporation 531 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
Datasheet
17
Electrical Specifications
2.4
Voltage Identification
The VID specification for the Pentium 4 processor in the 775-land package is supported by the
Voltage Regulator Down (VRD) 10.1 Design Guide For Desktop LGA775 Socket. The voltage set
by the VID signals is the reference VR output voltage to be delivered to the processor VCC pins. A
minimum voltage is provided in Table 2-8 and changes with frequency. This allows processors
running at a higher frequency to have a relaxed minimum voltage specification. The specifications
have been set such that one voltage regulator can work with all supported frequencies.
Individual processor VID values may be calibrated during manufacturing such that two devices at
the same speed may have different VID settings.
The Pentium 4 processor in the 775-land package uses six voltage identification signals, VID[5:0],
to support automatic selection of power supply voltages. Table 2-2 specifies the voltage level
corresponding to the state of VID[5:0]. A ‘1’ in this table refers to a high voltage level and a ‘0’
refers to low voltage level. If the processor socket is empty (VID[5:0] = x11111), or the voltage
regulation circuit cannot supply the voltage that is requested, it must disable itself. See the Voltage
Regulator Down (VRD) 10.1 Design Guide For Desktop LGA775 Socket for more details.
Power source characteristics must be guaranteed to be stable when the supply to the voltage
regulator is stable.
The LL_ID[1:0] lands are used by the platform to configure the proper loadline slope for the
processor. LL_ID[1:0] = 00 for the Pentium 4 processor in the 775-land package.
The VTT_SEL land is used by the platform to configure the proper VTT voltage level for the
processor. VTT_SEL = 1 for the Pentium 4 processor in the 775-land package.
The GTLREF_SEL signal is used by the platform to select the appropriate chipset GTLREF level.
GTLREF_SEL = 0 for the Pentium 4 processor in the 775-land package.
LL_ID[1:0] and VTT_SEL are signals that are implemented on the processor package. That is,
they are either connected directly to VSS or are open lands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com