Electronic Components Datasheet Search
  English  ▼

X  

T7700 Datasheet(PDF) 21 Page - Intel Corporation

Part # T7700
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7700 Datasheet(HTML) 21 Page - Intel Corporation

Back Button T7700 Datasheet HTML 17Page - Intel Corporation T7700 Datasheet HTML 18Page - Intel Corporation T7700 Datasheet HTML 19Page - Intel Corporation T7700 Datasheet HTML 20Page - Intel Corporation T7700 Datasheet HTML 21Page - Intel Corporation T7700 Datasheet HTML 22Page - Intel Corporation T7700 Datasheet HTML 23Page - Intel Corporation T7700 Datasheet HTML 24Page - Intel Corporation T7700 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
Datasheet
21
Low Power Features
consumption allows for leakage current reduction, which results in platform power
savings and extended battery life. There is no platform-level change required to
support this feature as long as the VR vendor supports the VID-x feature.
2.6
Processor Power Status Indicator (PSI-2) Signal
The processor incorporates the PSI# signal that is asserted when the processor is in a
reduced power consumption state. PSI# can be used to improve intermediate and light
load efficiency of the voltage regulator, resulting in platform power savings and
extended battery life. The algorithm that the processor uses for determining when to
assert PSI# is different from the algorithm used in previous mobile processors. PSI-2
functionality improves overall voltage regulator efficiency over a wide power range
based on the C-state and P-state of the two cores. The combined C-state and P-state of
both cores are used to dynamically predict processor power. PSI-2 functionality is
expanded further to support three processor states:
• Both cores are in idle state
• Only one core is in active state
• Both cores are in active state
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com