Electronic Components Datasheet Search
  English  ▼

X  

RB150 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RB150
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RB150 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RB150 Datasheet HTML 1Page - EIC discrete Semiconductors RB150 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB150 - RB158
SILICON BRIDGE RECTIFIERS
PRV : 50 - 800 Volts
Io : 1.5 Amperes
FEATURES :
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 VDC
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 3.4 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RB150
RB151
RB152
RB154
RB156
RB158
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
V
Maximum Average Forward Current Tc=50
°C
IF(AV)
1.5
A
Peak Forward Surge Current, Single half sine wave
Superimposed on rated load (JEDEC Method)
Maximum Forward Voltage per Diode at IF = 1 A
VF
0.95
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Thermal Resistance (Note 1)
R
θJL
15
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 140
°C
Storage Temperature Range
TSTG
- 40 to + 140
°C
Note :
1 ) Thermal resistance from Junction to lead mounted on P.C. Board with 0.47" X 0.47" ( 12mm X 12mm ) Cu pads.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
40
A
RB
0.105 (2.66)
0.085 (2.16)
+
AC
AC
0.71 (18.0)
0.63 (16.0)
0.276 (7.01)
0.236 (5.99)
0.16 (4.00)
0.14 (3.55)
0.035 (0.89)
0.028 (0.71)
0.500 (12.7)
MIN.
Dimensions in inches and ( millimeter )
0.825 (20.95)
0.605 (15.36)


Similar Part No. - RB150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB150 WTE-RB150 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
RB150 EIC-RB150 Datasheet
61Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
Won-Top Electronics
RB150 WTE-RB150 Datasheet
57Kb / 4P
1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SynSemi, Inc.
RB150 SYNSEMI-RB150 Datasheet
39Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - RB150

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com