Electronic Components Datasheet Search
  English  ▼

X  

E6750 Datasheet(PDF) 21 Page - Intel Corporation

Part # E6750
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6750 Datasheet(HTML) 21 Page - Intel Corporation

Back Button E6750 Datasheet HTML 17Page - Intel Corporation E6750 Datasheet HTML 18Page - Intel Corporation E6750 Datasheet HTML 19Page - Intel Corporation E6750 Datasheet HTML 20Page - Intel Corporation E6750 Datasheet HTML 21Page - Intel Corporation E6750 Datasheet HTML 22Page - Intel Corporation E6750 Datasheet HTML 23Page - Intel Corporation E6750 Datasheet HTML 24Page - Intel Corporation E6750 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Datasheet
21
Electrical Specifications
ICC
Processor Number
E6850
E6750
E6700
E6600
E6550
E6540
E6400/E6420
E6300/E6320
E4600
E4500
E4400
E4300
ICC for
775_VR_CONFIG_06
3.00 GHz
2.66 GHz
2.66 GHz
2.40 GHz
2.33 GHz
2.33 GHz
2.13 GHz
1.86 GHz
2.40 GHz
2.20 GHz
2.00 GHz
1.80 GHz
——
75
75
75
75
75
75
75
75
75
75
75
75
A
7
Processor Number
X6800
ICC for
775_VR_CONFIG_05B
2.93 GHz
——
90
VTT
FSB termination voltage
(DC + AC specifications)
1.14
1.20
1.26
V
8
VTT_OUT_LEFT
and
VTT_OUT_RIGHT
ICC
DC Current that may be drawn from
VTT_OUT_LEFT and VTT_OUT_RIGHT per
pin
—
—
580
mA
9
ITT
ICC for VTT supply before VCC stable
ICC for VTT supply after VCC stable
——
4.5
4.6
A
10
ICC_VCCPLL
ICC for PLL land
—
—
130
mA
ICC_GTLREF
ICC for GTLREF
—
—
200
μA
NOTES:
1. Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical data.
These specifications will be updated with characterized data from silicon measurements at a later date.
2. Adherence to the voltage specifications for the processor are required to ensure reliable processor operation.
3. Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during manufacturing such
that two processors at the same frequency may have different settings within the VID range. Note this differs
from the VID employed by the processor during a power management event (Thermal Monitor 2, Enhanced Intel
SpeedStep® Technology, or Extended HALT State).
4. These voltages are targets only. A variable voltage source should exist on systems in the event that a different
voltage is required. See Section 2.3 and Table 2 for more information.
5. The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE lands at the socket
with a 100 MHz bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 MΩ minimum impedance.
The maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from the
system is not coupled into the oscilloscope probe.
6. Refer to Table 6 and Figure 1 for the minimum, typical, and maximum VCC allowed for a given current. The
processor should not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a given
current.
7. ICC_MAX specification is based on the VCC_MAX loadline. Refer to Figure 1 for details.
8. VTT must be provided via a separate voltage source and not be connected to VCC. This specification is measured
at the land.
9. Baseboard bandwidth is limited to 20 MHz.
10.This is maximum total current drawn from VTT plane by only the processor. This specification does not include
the current coming from RTT (through the signal line). Refer to the Voltage Regulator-Down (VRD) 11.0
Processor Power Delivery Design Guidelines For Desktop LGA775 Socket to determine the total ITT drawn by the
system. This parameter is based on design characterization and is not tested.
Table 5.
Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com