Electronic Components Datasheet Search
  English  ▼

X  

L7300 Datasheet(PDF) 3 Page - Intel Corporation

Part # L7300
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7300 Datasheet(HTML) 3 Page - Intel Corporation

  L7300 Datasheet HTML 1Page - Intel Corporation L7300 Datasheet HTML 2Page - Intel Corporation L7300 Datasheet HTML 3Page - Intel Corporation L7300 Datasheet HTML 4Page - Intel Corporation L7300 Datasheet HTML 5Page - Intel Corporation L7300 Datasheet HTML 6Page - Intel Corporation L7300 Datasheet HTML 7Page - Intel Corporation L7300 Datasheet HTML 8Page - Intel Corporation L7300 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................8
1.2
References .........................................................................................................9
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low Power States .................................................................... 11
2.1.1
Core Low Power State Descriptions ........................................................... 13
2.1.2
Package Low Power State Descriptions ...................................................... 15
2.2
Enhanced Intel SpeedStep® Technology .............................................................. 18
2.2.1
Dynamic FSB Frequency Switching ........................................................... 19
2.2.2
Intel® Dynamic Acceleration Technology................................................... 19
2.3
Extended Low Power States ................................................................................ 19
2.4
FSB Low Power Enhancements ............................................................................ 20
2.5
VID-x .............................................................................................................. 21
2.6
Processor Power Status Indicator (PSI-2) Signal .................................................... 21
3
Electrical Specifications ........................................................................................... 23
3.1
Power and Ground Pins ...................................................................................... 23
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking...................................................... 23
3.3
Voltage Identification ......................................................................................... 23
3.4
Catastrophic Thermal Protection .......................................................................... 26
3.5
Reserved and Unused Pins.................................................................................. 26
3.6
FSB Frequency Select Signals (BSEL[2:0])............................................................ 27
3.7
FSB Signal Groups............................................................................................. 27
3.8
CMOS Signals ................................................................................................... 29
3.9
Maximum Ratings.............................................................................................. 29
3.10 Processor DC Specifications ................................................................................ 30
4
Package Mechanical Specifications and Pin Information .......................................... 41
4.1
Package Mechanical Specifications ....................................................................... 41
4.2
Processor Pinout and Pin List .............................................................................. 49
4.3
Alphabetical Signals Reference ............................................................................ 69
5
Thermal Specifications and Design Considerations .................................................. 77
5.1
Thermal Specifications ....................................................................................... 80
5.1.1
Thermal Diode ....................................................................................... 81
5.1.2
Thermal Diode Offset .............................................................................. 83
5.1.3
Intel® Thermal Monitor........................................................................... 84
5.1.4
Digital Thermal Sensor............................................................................ 86
5.1.5
Out of Specification Detection .................................................................. 87
5.1.6
PROCHOT# Signal Pin ............................................................................. 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com