Electronic Components Datasheet Search
  English  ▼

X  

T9300 Datasheet(PDF) 21 Page - Intel Corporation

Part # T9300
Description  Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T9300 Datasheet(HTML) 21 Page - Intel Corporation

Back Button T9300 Datasheet HTML 17Page - Intel Corporation T9300 Datasheet HTML 18Page - Intel Corporation T9300 Datasheet HTML 19Page - Intel Corporation T9300 Datasheet HTML 20Page - Intel Corporation T9300 Datasheet HTML 21Page - Intel Corporation T9300 Datasheet HTML 22Page - Intel Corporation T9300 Datasheet HTML 23Page - Intel Corporation T9300 Datasheet HTML 24Page - Intel Corporation T9300 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Datasheet
21
Low Power Features
Extended Stop-Grant and Enhanced Deeper Sleep must be enabled via the
BIOS for the processor to remain within specification. Any attempt to operate the
processor outside these operating limits may result in permanent damage to the
processor. As processor technology changes, enabling the extended low-power states
becomes increasingly crucial when building computer systems. Maintaining the proper
BIOS configuration is key to reliable, long-term system operation. Not complying to this
guideline may affect the long-term reliability of the processor.
Caution:
Enhanced Intel SpeedStep Technology transitions are multi-step processes that require
clocked control. These transitions cannot occur when the processor is in the Sleep or
Deep Sleep package low-power states since processor clocks are not active in these
states. Extended Deeper Sleep is an exception to this rule when the Hard C4E
configuration is enabled in the IA32_MISC_ENABLES MSR. This Extended Deeper Sleep
state configuration will lower core voltage to the Deeper Sleep level while in Deeper
Sleep and, upon exit, will automatically transition to the lowest operating voltage and
frequency to reduce snoop service latency. The transition to the lowest operating point
or back to the original software requested point may not be instantaneous.
Furthermore, upon very frequent transitions between active and idle states, the
transitions may lag behind the idle state entry resulting in the processor either
executing for a longer time at the lowest operating point or running idle at a high
operating point. Observations and analyses show this behavior should not significantly
impact total power savings or performance score while providing power benefits in
most other cases.
2.4
FSB Low-Power Enhancements
The processor incorporates FSB low-power enhancements:
• Dynamic FSB Power-Down
• BPRI# control for address and control input buffers
• Dynamic Bus Parking
• Dynamic On-Die Termination disabling
•Low VCCP (I/O termination voltage)
• Dynamic FSB frequency switching
The processor incorporates the DPWR# signal that controls the data bus input buffers
on the processor. The DPWR# signal disables the buffers when not used and activates
them only when data bus activity occurs, resulting in significant power savings with no
performance impact. BPRI# control also allows the processor address and control input
buffers to be turned off when the BPRI# signal is inactive. Dynamic Bus Parking allows
a reciprocal power reduction in chipset address and control input buffers when the
processor deasserts its BR0# pin. The On-Die Termination on the processor FSB buffers
is disabled when the signals are driven low, resulting in additional power savings. The
low I/O termination voltage is on a dedicated voltage plane independent of the core
voltage, enabling low I/O switching power at all times.
2.4.1
Dynamic FSB Frequency Switching
Dynamic FSB frequency switching effectively reduces the internal bus clock frequency
in half to further decrease the minimum processor operating frequency from the
Enhanced Intel SpeedStep Technology performance states and achieve the Super Low
Frequency Mode (SuperLFM). This feature is supported at FSB frequencies of 800-MHz
on the Santa Rosa platform and does not entail a change in the external bus signal
(BCLK) frequency. Instead, both the processor and (G)MCH internally lower their BCLK
reference frequency to 50% of the externally visible frequency. Both the processor and
(G)MCH maintain a virtual BCLK signal (“VBCLK”) that is aligned to the external BCLK,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com